| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1602S bảng dữ liệu(PDF) 21 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602S bảng dữ liệu(HTML) 21 Page - SONiX Technology Company |
|
21 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 21 Revision 1.94 The other coding style of loop-up table is to add Y or Z index register by accumulator. Be careful if carry happen. Refer following example for detailed information: Example: Increase Y and Z register by B0ADD/ADD instruction B0MOV Y, #TABLE1$M ; To set lookup table’s middle address. B0MOV Z, #TABLE1$L ; To set lookup table’s low address. B0MOV A, BUF ; Z = Z + BUF. B0ADD Z, A B0BTS1 FC ; Check the carry flag. JMP GETDATA ; FC = 0 INCMS Y ; FC = 1. Y+1. NOP GETDATA: ; MOVC ; To lookup data. If BUF = 0, data is 0x0035 ; If BUF = 1, data is 0x5105 ; If BUF = 2, data is 0x2012 . . . . ; TABLE1: DW 0035H ; To define a word (16 bits) data. DW 5105H ; “ DW 2012H ; “ |