| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1702P bảng dữ liệu(PDF) 2 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1702P bảng dữ liệu(HTML) 2 Page - SONiX Technology Company |
|
2 / 112 page ![]() Preliminary SN8P1702A/SN8P1703A 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 2 Revision 0.5 AMENDMENT HISTORY Version Date Description VER 0.1 Jul. 2003 V1.0 Preliminary Version VER 0.2 Jul. 2003 Change watchdog overflow table VER 0.3 Jul. 2003 Aug. 2003 1. Modify selection table 2. DC current chars. Change 3. Feature change 4. Change SN8P1703 part number to SN8P1703A 5. Code option table has been relocated after pin description section. 6. Modify QTP approval sheet 7. Change Register description. 8. Add LVD typical value=1.8V in Elec. Char. 9. Add “Noise Filter” code option VER 0.4 Sep. 2003 1. Add SN8P1702A SSOP20 for Mask Mass production. 2. Add TC1 Timer in Update table. 3. Modify Chap. 8 table/figure no. 4. Modify TC0/TC1 timer description and table. 5. Modify PWM description and table. 6. Modify electrical characteristic table VER 0.5 Sep. 2003 1. Modify ADC convert time table 2. Modify the description of PEDGE register. 3. Modify the description of INTRQ register. 3. Remove approval sheet. 4. Separate the pin description section of SN8P1702A and SN8P1703A. 5. Remove PCB layout section 6. Add P-DIP 20 and Sop 20 package information. 7. Add SN8A1702B and SN8A1703A related description. |