công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702P bảng dữ liệu(PDF) 33 Page - SONiX Technology Company

tên linh kiện SN8P1702P
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702P bảng dữ liệu(HTML) 33 Page - SONiX Technology Company

Back Button SN8P1702P Datasheet HTML 29Page - SONiX Technology Company SN8P1702P Datasheet HTML 30Page - SONiX Technology Company SN8P1702P Datasheet HTML 31Page - SONiX Technology Company SN8P1702P Datasheet HTML 32Page - SONiX Technology Company SN8P1702P Datasheet HTML 33Page - SONiX Technology Company SN8P1702P Datasheet HTML 34Page - SONiX Technology Company SN8P1702P Datasheet HTML 35Page - SONiX Technology Company SN8P1702P Datasheet HTML 36Page - SONiX Technology Company SN8P1702P Datasheet HTML 37Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 33
Revision 1.94
DATA MEMORY (RAM)
OVERVIEW
The SN8P1700 has internally built-in the data memory up to 256 bytes for storing the general-purpose data.
For
SN8P1702
48 * 8-bit general purpose area in bank 0
128 * 8-bit system special register area
For
SN8P1704
128 * 8-bit general purpose area in bank 0
128 * 8-bit system special register area
For
SN8P1706/SN8P1707/SN8P1708
128 * 8-bit general purpose area in bank 0
128 * 8-bit general purpose area in bank 1
128 * 8-bit system special register area
The memory is separated into bank 0 and bank 1. The user can program RAM bank selection bits of RBANK register
to access all data in any of the two RAM banks. The bank 0, using the first 128-byte location assigned as
general-purpose area, and the remaining 128-byte in bank 0 as system register. The bank 1, using the first 128-byte
location assigned as general-purpose area, and others useless.
RAM location
000h
000h~03Fh of Bank 0 = To store general-
“
purpose data (64 bytes).
“
“
“
“
03Fh
General purpose area
080h
080h~0FFh of Bank 0 = To store system
“
registers (128 bytes).
“
“
“
“
System register
BANK 0
0FFh
End of bank 0 area
Figure 3-4. RAM Location of SN8P1702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com