công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702AX bảng dữ liệu(PDF) 104 Page - SONiX Technology Company

tên linh kiện SN8P1702AX
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AX bảng dữ liệu(HTML) 104 Page - SONiX Technology Company

Back Button SN8P1702AX Datasheet HTML 100Page - SONiX Technology Company SN8P1702AX Datasheet HTML 101Page - SONiX Technology Company SN8P1702AX Datasheet HTML 102Page - SONiX Technology Company SN8P1702AX Datasheet HTML 103Page - SONiX Technology Company SN8P1702AX Datasheet HTML 104Page - SONiX Technology Company SN8P1702AX Datasheet HTML 105Page - SONiX Technology Company SN8P1702AX Datasheet HTML 106Page - SONiX Technology Company SN8P1702AX Datasheet HTML 107Page - SONiX Technology Company SN8P1702AX Datasheet HTML 108Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 104
Revision 0.5
PROGRAM CHECK LIST
Item
Description
Pull-up Resister
Use PnUR register to enable or disable on-chip pull-up resisters. Refer I/O port chapter for
detailed information.
Undefined Bits
All bits those are marked as “0” (undefined bits) in system registers should be set “0” to avoid
unpredicted system errors.
ADC
Set ADC input pin I/O direction as input mode and disable pull-up resister of ADC input pin
PWM0
Set PWM0 (P5.4) pin as output mode.
PWM1
Set PWM1 (P5.3) pin as output mode.
Interrupt
Do not enable interrupt before initializing RAM.
Non-Used I/O
Non-used I/O ports should be pull-up or pull-down in input mode, or be set as low in output
mode to save current consumption.
Sleep Mode
Enable on-chip pull-up resisters of port 0 and port 1 to avoid unpredicted wakeup.
Stack Buffer
Be careful of function call and interrupt service routine operation. Don’t let stack buffer
overflow or underflow.
System Initial
1.
Write 0x7F into STKP register to initial stack pointer and disable global interrupt
2.
Clear all RAM.
3.
Initialize all system register even unused registers.
Noisy Immunity
1.
Enable OSG and High_Clk / 2 code option together
2.
Enable the watchdog option and internal RC for the watchdog clock to protect system
crash.
3.
Non-used I/O ports should be set as output low mode or input with pull-up resistors.
4.
Constantly refresh important system registers and variables in RAM to avoid system
crash by a high electrical fast transient noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com