| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1702AX bảng dữ liệu(PDF) 89 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1702AX bảng dữ liệu(HTML) 89 Page - SONiX Technology Company |
|
89 / 112 page ![]() Preliminary SN8P1702A/SN8P1703A 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 89 Revision 0.5 PULL-UP RESISTERS SN8P1702A/SN8P1703A series chips built-in pull-up resisters in port 0, port 1, port4 and port 5. User can set pull-up register by pin Register Name P0UR Address E0H Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit’s Name - - - - - - - P00R Read/Write - - - - - - - R/W After reset 0 0 0 0 0 0 0 0 Register Name P1UR Address E1H Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit’s Name - - - - - - P11R P10R Read/Write - - - - - - R/W R/W After reset 0 0 0 0 0 0 0 0 Register Name P4UR Address E4H Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit’s Name - - - - P43R P42R P41R P40R Read/Write - - - - R/W R/W R/W R/W After reset 0 0 0 0 0 0 0 0 Register Name P5UR Address 0E0H Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit’s Name - - P55R P54R P53R P52R P51R P50R Read/Write - - R/W R/W R/W R/W R/W R/W After reset 0 0 0 0 0 0 0 0 CHIP SN8P1703A ORG 0x10 Main: MOV A, #01H B0MOV P0UR,A ; Enable port 0.0 pull-up resisters Example 2: Enable all pull-up resisters CHIP SN8P1703A ORG 0x10 Main: MOV A, #01H B0MOV P0UR,A ; Enable port 0 pull-up resisters MOV A, #03H B0MOV P1UR,A ; Enable port 1 pull-up resisters MOV A, #0FH B0MOV P4UR,A ; Enable port 4 pull-up resisters MOV A, #01FH B0MOV P5UR,A ; Enable port 5 pull-up resisters Note: Enable on-chip pull-up resisters of port 0 and port 1 to avoid unpredicted wakeup in sleep mode. |