công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1604P bảng dữ liệu(PDF) 39 Page - SONiX Technology Company

tên linh kiện SN8P1604P
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1604P bảng dữ liệu(HTML) 39 Page - SONiX Technology Company

Back Button SN8P1604P Datasheet HTML 35Page - SONiX Technology Company SN8P1604P Datasheet HTML 36Page - SONiX Technology Company SN8P1604P Datasheet HTML 37Page - SONiX Technology Company SN8P1604P Datasheet HTML 38Page - SONiX Technology Company SN8P1604P Datasheet HTML 39Page - SONiX Technology Company SN8P1604P Datasheet HTML 40Page - SONiX Technology Company SN8P1604P Datasheet HTML 41Page - SONiX Technology Company SN8P1604P Datasheet HTML 42Page - SONiX Technology Company SN8P1604P Datasheet HTML 43Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 39
Revision 1.94
EXTERNAL RESET DESCRIPTION
The external reset is a low level active device. The reset pin receives the low voltage and resets the system. When the
voltage detects high level, it stops resetting the system. Users can use an external reset circuit to control system
operation. It is necessary that the VDD must be stable.
External Reset
VDD
Internal Reset Signal
External Reset Detect Level
End of External Reset
System Reset
The external reset will fail, if the external reset voltage stabilizes before VDD voltage. Users must make sure the VDD
is stable earlier than external reset. The external reset circuit is a simple RC circuit as the following figure.
GND
VCC
RST
VDD
MCU
VSS
R
20K ohm
C
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com