| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC271 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TC271 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 22 page ![]() TC271 1080 × 580-PIXEL CCD IMAGE SENSOR SOCS039A – JANUARY 1994 – REVISED JUNE 1996 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 SRG1 OUT1 CL1 SH1 SRG2 OUT2 CL2 SH2 SRG3 CL3 SH3 NOTES: A. The video-processing (off-chip) pulses are defined as follows: CL1 = Clamp pulse for video from OUT1 SH1 = Sample pulse for the sample-and-hold amplifier for video 1 CL2 = Clamp pulse for video from OUT2 SH2 = Sample pulse for the sample-and-hold amplifier for video 2 CL3 = Clamp pulse for video from OUT3 SH3 = Sample pulse for the sample-and-hold amplifier for video 3 B. The signals for channel (n+1) are phase shifted 120 ° from the signals for channel (n). For example, SRG2 is phase shifted 120 ° relative to SRG1, SRG3 is phase shifted 120° relative to SRG2, OUT2 is phase shifted 120° relative to OUT1, OUT3 is phase shifted 120 ° relative to OUT2, and so forth. OUT3 Figure 13. Video-Process Timing |