công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCST2425CS bảng dữ liệu(PDF) 3 Page - Crydom Inc.,

tên linh kiện MCST2425CS
Giải thích chi tiết về linh kiện  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CRYDOM [Crydom Inc.,]
Trang chủ  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MCST2425CS bảng dữ liệu(HTML) 3 Page - Crydom Inc.,

  MCST2425CS Datasheet HTML 1Page - Crydom Inc., MCST2425CS Datasheet HTML 2Page - Crydom Inc., MCST2425CS Datasheet HTML 3Page - Crydom Inc., MCST2425CS Datasheet HTML 4Page - Crydom Inc., MCST2425CS Datasheet HTML 5Page - Crydom Inc., MCST2425CS Datasheet HTML 6Page - Crydom Inc., MCST2425CS Datasheet HTML 7Page - Crydom Inc., MCST2425CS Datasheet HTML 8Page - Crydom Inc., MCST2425CS Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
I/O Modules & Boards
Quality
Assurance conducts ongoing
product
reliability
verification
tests,
gathering precise data on the quality of our
power semiconductor vendors and the
silicon chips they provide. Additional tests
are performed to meet specific customer
burn-in requirements.
Crydom tests are exhaustive, including
100% verification at final test. After units
are completely assembled, they must pass a
complete set of electrical tests, which are
performed twice, once prior to encapsulation
and then again afterward.
Because of our dedication to quality, Crydom
was one of the first American companies to
achieve full certification to the demanding
standards of ISO 9001. In addition, most
Crydom products are approved by UL, CSA,
VDE, TUV and carry the CE Mark signifying
conformance with the latest European
directives. Certain panel mount and din rail
mount relays carry UL 508A SCCR ratings.
Learn how an alliance with the world leader in
solid state relays can pay off for you. For
details,
call
your
authorized
Crydom
distributor today.
PCB Mount
ASO
ASPF
CMX
CTX
CX/CXE
CX241/MCX241
D2W
DIP
DO/DMO
DPA
LC
LR
LS
MCX/MCXE
MP
MPDCD3
MPF
PF
SDV/SDI
SPA
SPF
UPD
Panel Mount
53TP
D06D
PRG
CS
DUAL/QUAD
PS
CMD/CMA
EZ
Series 1
CW
H12
SMR/SMR-6
D12/D24, A12/A24 HD/HA
SSC
D1D/D2D/D4D/D5D HD60/HA60
Heat Sinks
DC60
NTD/NTA
Accessories
DIN Rail Mount
CKR
CMR
HPF
MS11
Solid State Control Relays
CPV
PCV
DSD/DLD
RPC
LPCV
SST
MC
06
M
SM
C4
Quads
Mounting Boards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com