| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B43693 bảng dữ liệu(PDF) 11 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B43693 bảng dữ liệu(HTML) 11 Page - EPCOS |
|
11 / 14 page ![]() Topic Safety information Reference chapter "General technical information" Soldering, cleaning agents Do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 "Cleaning agents" Passive flammability Avoid external energy, such as fire or electricity. 8.1 "Passive flammability" Active flammability Avoid overload of the capacitors. 8.2 "Active flammability" Reference chapter "Capacitors with screw terminals" Breakdown strength of insulating sleeves Do not damage the insulating sleeve, especially when ring clips are used for mounting. "Screw terminals accessories" B43693, B43793 High voltage 125 °C Page 11 of 14 Please read Cautions and warnings and Important notes at the end of this document. |