công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM101AH/883 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM101AH/883
Giải thích chi tiết về linh kiện  LM101AQML Operational Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AH/883 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM101AH/883 Datasheet HTML 6Page - Texas Instruments LM101AH/883 Datasheet HTML 7Page - Texas Instruments LM101AH/883 Datasheet HTML 8Page - Texas Instruments LM101AH/883 Datasheet HTML 9Page - Texas Instruments LM101AH/883 Datasheet HTML 10Page - Texas Instruments LM101AH/883 Datasheet HTML 11Page - Texas Instruments LM101AH/883 Datasheet HTML 12Page - Texas Instruments LM101AH/883 Datasheet HTML 13Page - Texas Instruments LM101AH/883 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Notes
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device is
intended to be functional, but do no guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed
test conditions.
Note 3: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package junction
to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax =(TJmax −TA)/ θJA or the
number given in the Absolute Maximum Ratings, whichever is lower.
Note 5: Human body model, 100 pF discharged through 1.5 k
Ω.
Note 6: Parameter guaranteed by the input conditions of several DC parameters
Note 7: Parameter guaranteed, not tested.
Note 8: Calculated parameter
Note 9: Datalog reading of K = V/mV.
Note 10: Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics. These parts may be dose rate sensitive in a space
environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are guaranteed only for the conditions as specified
in Mil-Std-883, Method 1019
Note 11: Pin connections shown are for 8-pin packages.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25