| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
02011J8R2ABSTR bảng dữ liệu(PDF) 7 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
02011J8R2ABSTR bảng dữ liệu(HTML) 7 Page - AVX Corporation |
|
7 / 20 page ![]() 11 1 Accu-P® 0201 Typical Electrical Tables Self Capacitance Resonance 250MHz 500MHz 750MHz 1000MHz 1250MHz @ 1 MHz Frequency Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. (pF) (GHz) C(eff) Q ESR C(eff) Q ESR C(eff) Q ESR C(eff) Q ESR C(eff) Q ESR Typical (pF) ( Ω) (pF) ( Ω) (pF) ( Ω) (pF) ( Ω) (pF) ( Ω) 0.8 9.1 0.84 2154 360 0.84 630 603 0.85 424 594 0.85 327 577 0.86 255 588 1.2 7.6 1.21 1375 405 1.21 525 517 1.22 341 527 1.23 267 503 1.23 208 515 1.8 6.3 1.84 1298 271 1.85 520 341 1.86 337 347 1.87 270 326 1.88 201 347 2.2 5.7 2.23 1355 214 2.24 512 281 2.25 335 284 2.27 264 270 2.29 199 284 3.3 4.6 3.29 1295 156 3.31 430 230 3.33 285 230 3.36 220 223 3.40 159 242 3.9 4.3 3.91 1902 93 3.93 460 181 3.97 298 185 4.02 227 181 4.08 163 198 4.7 3.9 4.71 1677 84 4.74 391 174 4.80 252 178 4.87 181 183 4.97 130 200 5.6 3.6 5.62 1391 84 5.67 370 154 5.74 257 148 5.83 195 144 5.95 140 157 6.8 3.3 6.77 1135 84 6.83 314 149 6.91 217 142 7.03 164 139 7.18 118 151 Self Capacitance Resonance 1500MHz 1750MHz 2250MHz 2500MHz 2750MHz @ 1 MHz Frequency Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. Typ. (pF) (GHz) C(eff) Q ESR C(eff) Q ESR C(eff) Q ESR C(eff) Q ESR C(eff) Q ESR Typical (pF) ( Ω) (pF) ( Ω) (pF) ( Ω) (pF) M ( Ω) (pF) ( Ω) 0.8 9.1 0.86 204 611 0.87 168 631 0.88 141 587 0.89 126 571 0.90 122 532 1.2 7.6 1.24 155 565 1.26 129 577 1.28 92 570 1.30 89 566 1.31 81 558 1.8 6.3 1.90 148 388 1.92 123 395 1.96 96 395 1.99 83 396 2.02 74 397 2.2 5.7 2.32 145 320 2.34 123 322 2.41 93 329 2.46 81 328 2.50 72 330 3.3 4.6 3.45 119 266 3.50 101 263 3.63 74 277 3.73 64 276 3.84 55 281 3.9 4.3 4.16 122 216 4.25 103 214 4.46 75 224 4.63 64 223 4.79 56 225 4.7 3.9 5.08 99 213 5.23 83 212 5.55 60 221 5.83 50 222 6.10 43 224 5.6 3.6 6.11 108 166 6.31 91 164 6.76 64 174 7.16 53 175 7.56 45 141 6.8 3.3 7.38 93 155 7.63 76 158 8.22 54 166 8.74 44 169 9.29 37 173 |