công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CWD2425 bảng dữ liệu(PDF) 15 Page - Crydom Inc.,

tên linh kiện CWD2425
Giải thích chi tiết về linh kiện  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CRYDOM [Crydom Inc.,]
Trang chủ  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CWD2425 bảng dữ liệu(HTML) 15 Page - Crydom Inc.,

Back Button CWD2425 Datasheet HTML 11Page - Crydom Inc., CWD2425 Datasheet HTML 12Page - Crydom Inc., CWD2425 Datasheet HTML 13Page - Crydom Inc., CWD2425 Datasheet HTML 14Page - Crydom Inc., CWD2425 Datasheet HTML 15Page - Crydom Inc., CWD2425 Datasheet HTML 16Page - Crydom Inc., CWD2425 Datasheet HTML 17Page - Crydom Inc., CWD2425 Datasheet HTML 18Page - Crydom Inc., CWD2425 Datasheet HTML 19Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
Solid State Control Relays
LPCV
Solid State Linear Proportional
Control Relay
15-110Amp
120/240 Vac
SCR AC Switch Output
Precise Proportional Load Control
e
g
r
u
S
d
a
o
L
e
n
i
L
Voltage
Current
Control
Turn-On
Input
Current
Range
Range
Range
Threshold
Impedance 1-Cycle
k
p
A
s
m
h
O
s
m
r
A
s
m
r
V
5LPCV2415
20-300
.10-15
0-5Vdc
.25Vdc
12.7K
150
5LPCV2425
20-300
.10-25
0-5Vdc
.25Vdc
12.7K
250
5LPCV2440
20-300
.10-40
0-5Vdc
.25Vdc
12.7K
625
5LPCV2475
20-300
.15-75
0-5Vdc
.25Vdc
12.7K
1000
5LPCV24110
20-300
.20-110 0-5Vdc
.25Vdc
12.7K
1500
10LPCV2415
20-300
.10-15
0-10Vdc .5Vdc
25K
150
10LPCV2425
20-300
.10-25
0-10Vdc .5Vdc
25K
250
10LPCV2440
20-300
.10-40
0-10Vdc .5Vdc
25K
625
10LPCV2475
20-300
.15-75
0-10Vdc .5Vdc
25K
1000
10LPCV24110
20-300
.20-110 0-10Vdc .5Vdc
25K
1500
20LPCV2415
20-300
.10-15
4-20mA 4.5mA
460
150
20LPCV2425
20-300
.10-25
4-20mA 4.5mA
460
250
20LPCV2440
20-300
.10-40
4-20mA 4.5mA
460
625
20LPCV2475
20-300
.15-75
4-20mA 4.5mA
460
1000
20LPCV24110
20-300
.20-110 4-20mA 4.5mA
460
1500
Operating Temperature Range: -30˚C to 80˚C, Isolation Voltage: 2500 Vrms
CPV
Solid State Phase Control
Module/Relay
10-90Amp
120/240 Vac
0-5Vdc Phase Control
Line
Load
Logic
Control
Surge
Crydom
Voltage
Current
Supply
Voltage
Current
Solid State
Range
Range
Voltage
Range
1-Cycle
Relay (Incl.)
Models CPV120 and CPV240 solid state control modules provide control of the
phased turn-on of a solid state relay, in response to the application of a 0-5 Vdc
control signal. They must be used with Crydom Series 1 random turn-on solid
state relays. Consult factory for wiring diagrams and about use with 480 Vac
loads. For acomplete set (control relay and solid state relay) order 10CPV120,
25CPV120, etc.
Vrms
Arms
Vdc
Vdc
Apk
Part No.
CPV120*
90-140
*
3.5-10
0-5
*
none
10CPV120
90-140
.04-10
3.5-10
0-5
120
D1210-10
25CPV120
90-140
.04-25
3.5-10
0-5
250
D1225-10
40CPV120
90-140
.04-40
3.5-10
0-5
625
D1240-10
CPV240*
180-280 *
3.5-10
0-5
*
none
10CPV240
180-280 .04-10
3.5-10
0-5
120
D2410-10
25CPV240
180-280 .04-25
3.5-10
0-5
250
D2425-10
50CPV240
180-280 .04-50
3.5-10
0-5
625
D2450-10
75CPV240
180-280 .04-75
3.5-10
0-5
1000
D2475-10
90CPV240
180-280 .04-90
3.5-10
0-5
1200
D2490-10
* Control Module Only, Must be used with -10 (Series 1) DC input relay
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 4000 Vrms
RPC
Solid State Proportional Control
15-40Amp
120/240/480 Vac
Economical Potentiometer Control
e
g
r
u
S
d
a
o
L
e
n
i
L
Voltage
Current
Off-State Potentiometer Potentiometer Current
Range
Range
Leakage
Resistance
Wattage
1-Cycle
The RPC series provides a cost effective method of controlling power in many
different application such as heaters or incandescent lamps. A customer provided
potentiometer is all that is required for control. All RPC products are supplied with
KS100 protective cover.
Vrms
Arms
mA
Ohms
W
Apk
RPC1215
90-130
.07-15
10
150K
1
150
RPC1225
90-130
.08-25
10
150K
1
250
RPC1240
90-130
.09-40
10
150K
1
625
RPC2415
200-240 .07-15
7
1 Meg
.5
150
RPC2425
200-240 .08-25
7
1 Meg
.5
250
RPC2440
200-240 .09-40
7
1 Meg
.5
625
RPC4815
400-480 .07-15
3
1 Meg
.5
150
RPC4825
400-480 .08-25
3
1 Meg
.5
250
RPC4840
400-480 .09-40
3
1 Meg
.5
625
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms (Load to baseplate only)
Note: Control to load is not isolated, exercise care in handling this product to avoid the risk of electric shock.
PCV
Solid State Analog Input Power
Control Relays
15-90Amp
120/240 Vac
SCR AC Switch Output
The PCV Series solid state proportional control relays are self contained power control
relays integrating a complete phase fired logic control system and a solid state
relay in the same standard package.
Line
Load
Control
Control
Surge
Voltage
Current
Off-State Voltage
Current
Current
Range
Range
Leakage
Range
@ 5Vdc
1-Cycle
Vrms
Arms
mA
Vdc
mA
Apk
7PCV2415
100-240
.15-15
10
2-7
4
150
7PCV2425
100-240
.15-25
15
2-7
4
250
10PCV2415 100-240
.15-15
10
2-10
4
150
10PCV2425 100-240
.15-25
15
2-10
4
250
10PCV2450 100-240
.15-50
20
2-10
4
625
10PCV2475 100-240
.15-75
20
2-10
4
1000
10PCV2490 100-240
.15-90
20
2-10
4
1200
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms
UL, CSA
UL, CSA
UL, CSA
UL, CSA
UL, CSA
UL, CSA
UL, CSA
Other Crydom products and competitive part number cross-reference available at: www.crydom.com
The LPCV solid state linear proportional control relays control loads up to 110 amps.
Changes in the input signal linearly vary the firing angle of the thyristor load control
device.
Control circuitry and power switch are in a single package.
PS-120 (120V), PS-240 (240V) These power supplies are designed for use with the Series
LPCV control relays to provide the 20Vac required in addition to the control voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com