| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW50-4G bảng dữ liệu(PDF) 32 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW50-4G bảng dữ liệu(HTML) 32 Page - Aavid, Thermal Division of Boyd Corporation |
|
32 / 116 page ![]() 32 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com ORDERING INFORMATION TV265, TV1500, TV1505 Channel style heat sink features twisted fins Channel style heat sink features twisted fins for increased air turbu- lence and better cooling. Can be mounted vertically or horizontally. Models are available with integrated twist tabs or mounting solderable tabs. Air Velocity—Feet Per Minute Heat Dissipated—Watts 20 0 20 40 60 80 100 02 4 6 8 10 16 12 4 8 0 0 400 200 600 800 1000 TV1505 TV1500 Part Number Description Figure TV265G Channel style heat sink with twisted fins and solderable tabs A 2.39 (0.094) TV1500G Channel style heat sink with twisted fins B TV1505G With integrated twist tabs B 3.30 (0.130) Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 02 4 6 8 10 8 6 2 4 0 0 400 200 600 800 1000 30.40 (1.197) 31.20 (1.228) 25.00 (0.984) 5.10 (0.201) 15.20 (0.598) 12.50 (0.492) CL Slots for clip attach 3.81 (0.150) 0.80 (0.031) 24.20 (0.953) 11.10 (0.437) 1.90 (0.075) 5.00 (0.197) Channel style heat sink features solderable tabs and twisted fins for increased air turbulence for bet- ter cooling. For ease of assembly use with clip 7701 (sold separately) to attach device. See page 97 for clip information. 5900 Channel style heat sink features solderable tabs and twisted fins Material: 1.27 (0.050) Thick Aluminum Finish: Black Anodize Material: 1.19 (0.047) Thick Aluminum Finish: Pre Black Anodize* ORDERING INFORMATION Part Number Description 5900PBG Channel style heat sink with twisted fins and solderable tabs 2.40 (0.094) Dia of PCB Plated Thru Hole for Tabs TO-220 Heat Sinks Dia of PCB Plated Thru Hole for Tabs Air Velocity—Feet Per Minute Heat Dissipated—Watts 20 0 20 40 60 80 100 01 2 3 4 5 16 12 4 8 0 0 400 200 600 800 1000 TV 265 12.70 (0.500) 2.54 (0.100) 5.80 (0.228) 30.00 (1.181) 5.08 (0.200) 1.20 (0.047) 24.13 (0.950) 30.20 (1.187) 3.80 (0.150) 1.90 (0.075) 15.24 (0.600) TAB TV1505 ONLY CL R 45.00 (1.772) 4.50 (0.177) 1.90 (0.075) 10.15 (0.400) 12.70 (0.500) 1.90 (0.075) R 30.00 (1.181) 22.10 (0.870) 25.40 (1.000) 15.24 (0.600) 5.08 (0.200) 0.75 (0.030) CL * Edges cut during the manufacturing process will be unfinished. See page 110 for more information. FIGURE A FIGURE B Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 |