| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW25-2G bảng dữ liệu(PDF) 48 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW25-2G bảng dữ liệu(HTML) 48 Page - Aavid, Thermal Division of Boyd Corporation |
|
48 / 116 page ![]() 48 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com ORDERING INFORMATION 6232 Space saving staggered fin heat sink Space saving staggered fin heat sink for vertical mounting TO-220 devices. Features solderable mounting tabs with triangular base for easy attach- ment to the PC board. 35.00 (1.378) 3.18 (0.125) 45.06 (1.774) 20.04 (0.789) 13.34 (0.525) 25.40 (1.000) 2.29 (0.090) 4.83 (0.190) 2.67 (0.105) 12.70 (0.500) ø 2x 13.00 (0.512) Air Velocity—Feet Per Minute Heat Dissipated—Watts 5 0 20 40 60 80 100 0 2 4 6 8 10 4 3 1 2 0 0 400 200 600 800 1000 ORDERING INFORMATION 6.34 (0.250) 22.22 (0.875) 17.78 (0.700) 1.57 (0.062) 8.89 (0.350) 31.75 (1.250) 19.56 (0.770) 3.96 (0.156) 10.67 (0.420) 3.18 (0.125) THRU ø Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 0 1 2 3 4 5 8 6 2 4 0 0 400 200 600 800 1000 Copper, space saving staggered fin heat sink for vertical mounting TO-220 devices. Features integrated solderable mounting tabs for easy attachment to the PC board. 6025 Copper, space saving staggered fin heat sink 5932 Space saving twisted fin heat sink Space saving twisted fin heat sink for vertical mounting TO-220 devices. Features solderable mounting tabs for easy attachment to the PC board. Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 0 2 4 6 8 10 8 6 2 4 0 0 400 200 600 800 1000 12.20 (0.480) 35.05 (1.380) 3.17 (0.125) THRU TYP 2 50.80 (2.000) 4.75 (0.187) 25.40 (1.000) 2.46 (0.097) 25.40 (1.000) 18.30 (0.720) 0.81 (0.032) ø 16.51 (0.650) CL Part Number Description 593202B03500G Space saving twisted fin heat sink with solderable tabs 2.84 (0.112) ORDERING INFORMATION Material: 1.27 (0.050) Thick Aluminum Finish: See Table Material: 1.27 (0.050) Thick Copper Finish: Tin Plated Material: 1.27 (0.050) Thick Aluminum Finish: Black Anodize Dia of PCB Plated Thru Hole for Tabs TO-220 Heat Sinks Position Code Description Details A 34 Solderable tab for 0.094 plated thru hole Page 92 Part Number Finish 6232B-MTG Black anodize 3.10 (0.122) 6232PB-MTG Pre-black anodize* 3.10 (0.122) Dia of PCB Plated Thru Hole for Tabs Part Number Description 6025DG Copper, space saving staggered fin heat sink with solderable tabs 2.54 (0.100) Dia of PCB Plated Thru Hole for Tabs *Edges cut during the manufacturing process will be unfinished. See page 110 for more information POPULAR OPTIONS: Base part no. A 593202B0 00 00G For additional options see page 82 For additional options see page 85 For additional options see page 85 Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 |