công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF147JAN bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LF147JAN
Giải thích chi tiết về linh kiện  LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LF147JAN bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LF147JAN Datasheet HTML 1Page - Texas Instruments LF147JAN Datasheet HTML 2Page - Texas Instruments LF147JAN Datasheet HTML 3Page - Texas Instruments LF147JAN Datasheet HTML 4Page - Texas Instruments LF147JAN Datasheet HTML 5Page - Texas Instruments LF147JAN Datasheet HTML 6Page - Texas Instruments LF147JAN Datasheet HTML 7Page - Texas Instruments LF147JAN Datasheet HTML 8Page - Texas Instruments LF147JAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LF147JAN
Wide Bandwidth Quad JFET Input Operational Amplifier
General Description
The LF147 is a low cost, high speed quad JFET input
operational amplifier with an internally trimmed input offset
voltage (BI-FET IItechnology). The device requires a low
supply current and yet maintains a large gain bandwidth
product and a fast slew rate. In addition, well matched high
voltage JFET input devices provide very low input bias and
offset currents. The LF147 is pin compatible with the stan-
dard LM148. This feature allows designers to immediately
upgrade the overall performance of existing LF148 and
LM124 designs.
The LF147 may be used in applications such as high speed
integrators, fast D/A converters, sample-and-hold circuits
and many other circuits requiring low input offset voltage,
low input bias current, high input impedance, high slew rate
and wide bandwidth. The device has low noise and offset
voltage drift.
Features
j Internally trimmed offset voltage:
5 mV max
j Low input bias current:
50 pA Typ.
j Low input noise current:
0.01 pA/
Hz Typ.
j Wide gain bandwidth:
4 MHz Typ.
j High slew rate:
13 V/µs Typ.
j Low supply current:
7.2 mA Typ.
j High input impedance:
10
12
Ω Typ.
j Low total harmonic distortion:
A
V = 10, RL = 10K
Ω,V
O = 20VP-P
BW = 20Hz — 20KHz
≤0.02% Typ.
j Low 1/f noise corner:
50 Hz Typ.
j Fast settling time to 0.01%:
2 µs Typ.
Ordering Information
NS Part Number
JAN Part Number
NS Package Number
Package Description
JL147BCA
JM38510/11906BCA
J14A
14LD CERDIP
Connection Diagram
Dual-In-Line Package
20129801
Top View
See NS Package Number J14A
BI-FET IIis a trademark of National Semiconductor Corporation.
April 2005
© 2005 National Semiconductor Corporation
DS201298
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com