| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
05811908 bảng dữ liệu(PDF) 73 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
05811908 bảng dữ liệu(HTML) 73 Page - Tyco Electronics |
|
73 / 85 page ![]() K-Type® cable markers 73 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Pre-Printed Wire and Cble Markers Ordering information Markers Size code Marker size Marker Length (mm) Cable diameter (mm) Reel quantity 1361 65 60 4.2 – 7.0 500 Packaging Code 1 Reel Color Code (Available for All Legends) 4 Yellow 9 White International color code Legend Marker Color Ink Color Legend Marker Color Ink Color Legend Marker Color Ink Color 0 Black White 1 Brown White 2 Red Black 3 Orange Black 4 Yellow Black 5 Green Black 6 Blue Black 7 Violet Black 8 Gray Black 9 White Black Legend code Legend Code Legend Code Legend Code 000 J 19 / 38 101 K 20 ~ 39 2 02 L 21 Earth 40 303 M 22 ) 41 4 04 N 23 Blank 42 505 O 24 : 43 606 P 25 , 44 707 Q 26 < 45 808 R 27 > 46 909 S 28 = 47 A10 T 29 . 48 B11 U 30 C12 V 31 D13 W 32 E14 X 33 F15 Y 34 G16 Z 35 H17 + 36 I18 - 37 Carrier Strips Order code Capacity Quantity 11320000 7 markers 500 11310000 12 markers 500 11300000 18 markers 250 11330000 * 12 markers 100 * This carrier can be used to flag |