| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COP688CS bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
COP688CS bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 55 page ![]() Comparators (Continued) I2 Comparator1 positive input I1 Comparator1 negative input Only Comparator 1 is available on the CS series. A Comparator Select Register (CMPSL) is used to enable the comparators, read the outputs of the comparators inter- nally, and enable the outputs of the comparators to the pins. Two control bits (enable and output enable) and one result bit are associated with each comparator. The comparator re- sult bits (CMP1RD and CMP2RD) are read only bits which will read as zero if the associated comparator is not enabled. The Comparator Select Register is cleared with reset, result- ing in the comparators being disabled. The comparators should also be disabled before entering either the HALT or IDLE modes in order to save power. The configuration of the CMPSL register is as follows: CMPSL REGISTER (ADDRESS X’00B7) Reserved CMP20E CMP2RD CMP2EN CMP10E CMP1RD CMP1EN Reserved Bit 7 Bit 0 The CMPSL register contains the following bits: Reserved These bits are reserved and must be zero CMP20E Selects pin I6 as comparator 2 output provided that CMP2EN is set to enable the comparator CMP2RD Comparator 2 result (this is a read only bit, which will read as 0 if the comparator is not enabled) CMP2EN Enable comparator 2 CMP10E Selects pin I3 as comparator 1 output provided that CMPIEN is set to enable the comparator CMP1RD Comparator 1 result (this is a read only bit, which will read as 0 if the comparator is not enabled) CMP1EN Enable comparator 1 Note: For compatibility with existing code and with existing Mask ROMMed devices the bits of the CMPSL register will take precedence over the associated Port F configuration and data output bits. Interrupts INTRODUCTION Each device supports thirteen vectored interrupts. Interrupt sources include Timer 0, Timer 1, Timer 2, Timer 3, Port L Wakeup, Software Trap, MICROWIRE/PLUS, and External Input. All interrupts force a branch to location 00FF Hex in program memory. The VIS instruction may be used to vector to the appropriate service routine from location 00FF Hex. The Software trap has the highest priority while the default VIS has the lowest priority. Each of the 13 maskable inputs has a fixed arbitration rank- ing and vector. Figure 16 shows the Interrupt Block Diagram. DS012829-42 FIGURE 16. Interrupt Block Diagram www.national.com 31 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |