công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASA00173D bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc

tên linh kiện 98ASA00173D
Giải thích chi tiết về linh kiện  Two Cylinder Small Engine Control IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASA00173D bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 98ASA00173D Datasheet HTML 9Page - Freescale Semiconductor, Inc 98ASA00173D Datasheet HTML 10Page - Freescale Semiconductor, Inc 98ASA00173D Datasheet HTML 11Page - Freescale Semiconductor, Inc 98ASA00173D Datasheet HTML 12Page - Freescale Semiconductor, Inc 98ASA00173D Datasheet HTML 13Page - Freescale Semiconductor, Inc 98ASA00173D Datasheet HTML 14Page - Freescale Semiconductor, Inc 98ASA00173D Datasheet HTML 15Page - Freescale Semiconductor, Inc 98ASA00173D Datasheet HTML 16Page - Freescale Semiconductor, Inc 98ASA00173D Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33814
ALL PRE-DRIVERS (IGNOUT1, IGNOUT2, AND O2HOUT) (CONTINUED)
Over-current Voltage Threshold
•VIGNSENSN to VIGNSENSP) (IGNIN1 or IGNIN2 = 1
•VIGNSENSN to VIGNSENSP) (IGNIN1 and IGNIN2 = 1
VSENS-TH
VSENS-TH
180
360
200
400
220
440
mV
Current Sense Input Offset Current (IGNSENSP,IGNSENSN, O2H
ISENS-OFFSET
–
–
15
A
Current Sense Input Bias Current
ISENS-BIAS
–
–
15
A
ISO-9141 TRANSCEIVER PARAMETERS (8.0 V < VPWR < 18 V)
Input Low Voltage at ISO I/O pin
VIL_ISO
–
–
0.3x
VPWR
V
Input High Voltage at ISO I/O pin
VIH_ISO
0.7*
VPWR
–
–
V
Input Hysteresis at ISO I/O pin
VHYST_ISO
0.15x
VPWR
–
–
V
Output Low-voltage at ISO I/O pin
VOL_ISO
–
–
0.2x
VPWR
V
Output High-voltage at ISO I/O pin
VOH_ISO
0.8x
VPWR
–
–
V
Output current limit at ISO I/O pin (MTX = 0)
ILIM_ISO
50
100
150
mA
Load capacitance at ISO I/O pin(10)
CL_ISO
0.01
3.0
10
nF
VRS CONDITIONER INPUT
Comparator Thresholds
VVRS_THRESH
–
See Table variable via
SPI or dynamically
mV
Threshold Accuracy
Steady State Condition ( + 20% only valid for VRS DAC thresholds 110 mV and
higher.All other thresholds guaranteed monotonic only.)
AccuTHRESH
–
–
20
%
Input Bias Current VRSP and VRSN (2.5 V common mode must be off)
IBIASRSX
-5.0
5.0
µA
VRS Positive Clamp Voltage at ICLAMP = 10 mA
VCLAMP_P
5.5
–
5.8
V
VRS Negative Clamp Voltage at ICLAMP = 10 mA
VCLAMP_N
-0.44
–
-0.22
V
DIGITAL INTERFACE (MRX, MTX,CSB, SI, SCLK, SO, RINX,O2HIN, INJINX, IGNINX, BATSW, VRSOUT, RESETB)
Input Logic High-voltage Thresholds
VIH
0.7 x VCC
–
VCC + 0.3
V
Input Logic Low-voltage Thresholds
VIL
GND - 0.3
–
0.2 x VCC
V
Input Logic Voltage Hysteresis
VHYS
500
–
–
mV
Input Logic Capacitance
CIN
–
–
20
pF
Sleep Mode Input Logic Current (10)
• KEYSW = 0 V
ILOGIC_SS
-10
–
10
A
Input Logic Pull-down Current (10) INJIN1, INJIN2, RIN1, RIN2, SI, SCLK,IGNIN1,
IGNIN2, O2HIN
•0.8 V to 5.0 V
ILOGIC_PD
30
50
100
A
Notes
10.
This parameter is guaranteed by design, however it is not production tested.
Table 4. Power Input Static Electrical Characteristics
Characteristics noted under conditions of 6.0 V
 VPWR  18 V, -40 C  TC  125 C, and Calibrated Timers, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 14 V, TA = 25 C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com