công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ACT11646 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện 74ACT11646
Giải thích chi tiết về linh kiện  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11646 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  74ACT11646 Datasheet HTML 1Page - Texas Instruments 74ACT11646 Datasheet HTML 2Page - Texas Instruments 74ACT11646 Datasheet HTML 3Page - Texas Instruments 74ACT11646 Datasheet HTML 4Page - Texas Instruments 74ACT11646 Datasheet HTML 5Page - Texas Instruments 74ACT11646 Datasheet HTML 6Page - Texas Instruments 74ACT11646 Datasheet HTML 7Page - Texas Instruments 74ACT11646 Datasheet HTML 8Page - Texas Instruments 74ACT11646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74ACT11646
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3STATE OUTPUTS
SCAS061A − D2957, JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
2−3
FUNCTION TABLE
INPUTS
DATA I/O
OPERATION OR FUNCTION
G
DIR
CAB
CBA
SAB
SBA
A1 THRU A8
B1 THRU B8
OPERATION OR FUNCTION
X
X
↑
X
X
X
Input
†
Unspecified†
Store A, B unspecified†
X
XX
↑
XX
Input
Unspecified†
Unspecified†
Input
Store A, B unspecified†
Store B, A unspecified†
H
X
↑
↑
X
X
Input
Input
Store A and B Data
H
X
H or L
H or L
X
X
Input
Input
Store A and B Data
Isolation, hold storage
L
L
X
X
X
L
Output
Input
Real-Time B Data to A Bus
L
L
X
H or L
X
H
Output
Input
Real-Time B Data to A Bus
Stored B Data to A Bus
L
H
X
X
L
X
Input
Output
Real-Time A Data to B Bus
L
H
H or L
X
H
X
Input
Output
Real-Time A Data to B Bus
Stored A Data to B Bus
† The data output functions may be enabled or disabled by various signals at the G and DIR inputs. Data input functions are always enabled, i.e.,
data at the bus pins will be stored on every low-to-high transition on the clock inputs.
logic symbol‡
functional block diagram (positive logic)
To Seven Other Channels
B1
26
A1
2
SAB
CAB
SBA
CBA
DIR
G1
27
28
15
16
14
1
Channels
1 of 8
1D
C1
C1
1D
5
5
B8
B7
B6
B5
B4
B3
B2
B1
17
18
19
20
23
24
25
26
A8
A7
A6
A5
A4
A3
A2
A1
SAB
CAB
SBA
CBA
DIR
G
13
12
11
10
5
4
3
2
27
28
15
16
14
1
1
6D
7
7
4D
G7
C6
G5
C4
3 EN2 [AB]
3 EN1 [BA]
G3
2
1
≥1
≥1
1
‡ This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com