| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B22LP-JC bảng dữ liệu(PDF) 4 Page - Ohmite Mfg. Co. |
|
|
|||||||||||||||||||||||||||||
B22LP-JC bảng dữ liệu(HTML) 4 Page - Ohmite Mfg. Co. |
|
4 / 8 page ![]() Series B Process Sealed Subminiature Antistatic Toggles www.nkk.com A15 A TOGGLES .394” (10.0mm) Bat A Standard Material & Finish: Brass with Bright Nickel .248” (6.3mm) Bat J A1 .315” (8.0mm) Bat with Panel Seal Threaded Bushing H L .248” (6.3mm) Flatted Locking Lever .394” (10.0mm) Flatted E (2.6) Dia .102 26° (8.0) .315 26° (2.6) Dia .102 (10.0) .394 26° (6.3) .248 (2.6) Dia .102 (2.7) .106 26° (1.6) .063 (10.0) .394 (2.6) .102 26° (6.3) .248 (1.6) .063 26° (4.5) Dia .177 (5.1) Dia .201 (5.8) .228 (5.9) .232 (11.5) .453 (12.5) .492 Toggle Position ( ) = Momentary Connected Terminals Throw & Schematics Pole Model Up Center Down Up Center Down Note: Terminal numbers are not actually on the switch. SP B12 B13 B15 B1R B18 B19 B1S ON ON ON (ON) (ON) ON (ON) NONE OFF NONE NONE OFF OFF OFF ON ON (ON) ON (ON) (ON) ON 2-3 OPEN 2-1 SPDT DP B22 B23 B25 B2R B28 B29 B2S ON ON ON (ON) (ON) ON (ON) NONE OFF NONE NONE OFF OFF OFF ON ON (ON) ON (ON) (ON) ON 2-3 5-6 OPEN 2-1 5-4 DPDT POLES & CIRCUITS 2 (COM) 1 3 Slot Slot 4 6 1 3 25 (COM) |