| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B12LP-JC bảng dữ liệu(PDF) 3 Page - Ohmite Mfg. Co. |
|
|
|||||||||||||||||||||||||||||
B12LP-JC bảng dữ liệu(HTML) 3 Page - Ohmite Mfg. Co. |
|
3 / 8 page ![]() Series B Process Sealed Subminiature Antistatic Toggles www.nkk.com A14 A Cap Colors Paddle Colors A Black A B White B C Red C --- Yellow E --- Green F --- Blue G --- Gray H Poles 1 SPDT 2 DPDT TYPICAL SWITCH ORDERING EXAMPLE 1 B Straight PC Terminals with Bracket 2 DESCRIPTION FOR TYPICAL ORDERING EXAMPLE B12AB A .394” (10.0mm) Bat Toggle Optional Caps G .394” (10.0mm) Bat Lever Cap J .248” (6.3mm) Bat Lever Cap B Toggles A .394” (10.0mm) Bat A1 .315” (8.0mm) Bat with Panel Seal Threaded Bushing (Straight PC only) J .248” (6.3mm) Bat E .394” (10.0mm) Flatted H .248” (6.3mm) Flatted L Locking Lever (with Circuits 2 & 3 only) SPDT ON-NONE-ON Circuit PC Terminals P Straight * B Straight with Bracket * H Right Angle with Bracket * V Vertical with Bracket * Bracketed models are ESD protected Circuits 2 ON NONE ON 3 ON OFF ON 5 ON NONE (ON) *R (ON) NONE ON 8 (ON) OFF (ON) 9 ON OFF (ON) *S (ON) OFF ON ( ) = Momentary Reverse circuits R & S available with right angle & vertical only * |