công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF-375KB bảng dữ liệu(PDF) 49 Page - NEC

tên linh kiện LF-375KB
Giải thích chi tiết về linh kiện  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

LF-375KB bảng dữ liệu(HTML) 49 Page - NEC

Back Button LF-375KB Datasheet HTML 43Page - NEC LF-375KB Datasheet HTML 44Page - NEC LF-375KB Datasheet HTML 45Page - NEC LF-375KB Datasheet HTML 46Page - NEC LF-375KB Datasheet HTML 47Page - NEC LF-375KB Datasheet HTML 48Page - NEC LF-375KB Datasheet HTML 49Page - NEC LF-375KB Datasheet HTML 50Page - NEC LF-375KB Datasheet HTML 51Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
Noise Filters VOL.11
49
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
GL-2030M Normal mode
100
90
80
70
60
50
40
30
20
10
0
GL-2030M Common mode
Frequency (MHz)
0.1
0.2
0.5
1.0
5.0
10
20
30
Attenuation (Static Characteristics)
bGL-M Type
2-4.3ø
38
16
22.5
+0.5
–0
3P inlet with IEC320
VI specifications
Faston® tab terminal#250
82
63.5
23
–0
2-M3
Reference installation dimensions for
panel rear installation
*Faston® is a registered trademark of Tyco Electronics AMP.
*Recommended torque (N・m) max.
◆Panel installation (M3: 0.735)
Shape and Dimensions
bGL-M Type
E
(Inlet side)
IN
E
(Faston® terminal side)
Circuit Diagram
bCommon mode
bNormal mode
P
Z0
Z0
P: Power divider
Z0 : 50
Z0 : 50
Z0
Z0
Z0
EMI/EMC
filter
EMI/EMC
filter
Measuring Circuit
GL Series
M Type
[RoHS Compliant]
GL Series
M Type
[RoHS Compliant]
GL-2030M
250
3
1500
300
0.5
1
30
–25 to +55
UL, CSA, TÜV
200
GL-2060M
250
6
1500
300
0.5
1
30
–25 to +55
UL, CSA, TÜV
205
GL-2100M
250
10
1500
300
0.5
1
30
–25 to +55
UL, CSA, TÜV
210
Rated
Rated
WithstandingInsulation resistance Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
[mm]
Inlet Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com