công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SDR937 bảng dữ liệu(PDF) 2 Page - Solid States Devices, Inc

tên linh kiện SDR937
Giải thích chi tiết về linh kiện  30 Amp ULTRA FAST RECTIFIER 700 - 1200 Volt 60 nsec
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SSDI [Solid States Devices, Inc]
Trang chủ  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR937 bảng dữ liệu(HTML) 2 Page - Solid States Devices, Inc

  SDR937 Datasheet HTML 1Page - Solid States Devices, Inc SDR937 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0075E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR937/61
thru
SDR9312/61
Electrical Characteristics
Symbol
Typical
Maximum
Units
Instantaneous Forward Voltage Drop
(TA = 25°C, 300µs pulse)
IF = 15ADC
IF = 30ADC
VF1
VF2
2.0
2.2
2.2
2.4
VDC
Instantaneous Forward Voltage Drop
(TA = 125°C, 300µs pulse)
IF = 15ADC
VF3
1.5
1.6
VDC
Instantaneous Forward Voltage Drop
(TA = -55°C, 300µs pulse)
IF = 15ADC
VF4
2.1
2.3
VDC
Reverse Leakage Current
(Rated VR, TA = 25°C, 300µs pulse minimum)
IR1
20
100
µA
Reverse Leakage Current
(Rated VR, TA = 125°C, 300µs pulse minimum)
IR2
10
25
mA
Junction Capacitance
(TA = 25°C, f = 1MHz)
VR = 10VDC
CJ
70
100
pf
Reverse Recovery Time
(IF = 500mA, IR = 1 Amp, IRR = 250mA, TA = 25°C)
(IF = 10A, dIF/dt = 100A/µs)
tRR1
tRR2
45
60
60
100
nsec
CASE OUTLINE: 3 Pin TO-61
PIN OUT:
PIN 1: ANODE
PIN 2: CATHODE
PIN 3: NOT CONNECTED
Notes:
1/ Dimension does not include sealing flange.
2/ Package contour optional within specified dimensions
3/ Position of leads in relation to hexagon is not controlled



Html Pages

1 2