| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI-220LSF bảng dữ liệu(PDF) 8 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PI-220LSF bảng dữ liệu(HTML) 8 Page - NEC |
|
8 / 104 page ![]() SMD Type Power Inductors VOL.10 8 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 SMD Type Inductors Series name Major features and applications Page Dimensions (mm) Inductance ( μH) Rated current (A) MPC Series 8×6.7×4∼5 11.5×10×4 11.7×10×5.5 14.5×12.5×5 0.42∼0.6 0.36∼0.88 0.36、1 0.36∼0.5 17∼22 17∼25.5 18.5∼32 35∼38 9 HighSpeed/large current DC/DC Converter P ・ I-LM Series 12.7×10.2×6 8.2∼220 0.5∼2.3 53 P ・ I-LS Series 9.5×7×5 3.3∼47 0.7∼2 53 P ・ H-LM Series 12.7×10.2×6 82∼150 0.7∼1.2 55 SN-S3M Series 10×7×4.7 0.8∼23 0.5∼2 PLC 0735 Series 7.5×8×3.5 2∼33 1.6∼5 PLC 0745 Series 7.5×8×4.5 2∼33 1.7∼5.1 PLC 0755 Series 7.5×8×5.5 2∼33 1.9∼6.4 PLC 0760 Series 7.5×8×6 2∼33 1.9∼6.5 PLC 1035 Series 10.2×10.7×3.5 2∼33 1.5∼6 PLC 1045 Series 10.2×10.7×4.5 2∼33 2.2∼6.9 PLC 1055 Series 10.2×10.7×5.5 2∼33 2.7∼8.2 PLC 1060 Series 10.2×10.7×6 2∼33 2.3∼6.7 PLC 1235 Series 12.5×13×3.5 2∼33 1.8∼6.7 PLC 1245 Series 12.5×13×4.5 2∼33 2.9∼7.4 PLC 1255 Series 12.5×13×5.5 2∼33 3.4∼7.8 57 20 23 26 29 32 35 38 41 44 47 50 H ・ DI-0520 Series 5×5×1.8 1.2∼100 0.2∼3.4 59 H ・ DI-0630 Series 6×5.9×2.8 1.3∼100 0.45∼2.7 61 H ・ DI-0740 Series 7.1×7.1×3.8 1.2∼100 0.5∼4.5 63 H ・ DI-0940 Series 9.5×9.5×4 6.8∼1000 0.28∼3.4 65 H ・ DI-1040 Series 10.2×10.2×3.8 1.5∼100 1.3∼7.3 67 H ・ DI-1240 Series 12.5×12.5×4 2.2∼1000 0.35∼5.1 69 H ・ DI-1245G Series 12.5×12.5×4.5 10∼220 0.85∼4.5 71 H ・ DI-1280G Series 12.5×12.5×8 1.7∼220 1.3∼8.5 73 Compact size, noise suppression Magnetic shielded type, DC/DC converters Magnetic shielded type, DC/DC converters H ・ LI-0505 Series 5.7×5.7×5.3 2∼5mH 40∼100mA 75 SSB15 Series 11.6×14×8.5 1∼1000 0.29∼10 77 SSB14 Series 11.6×14×7 1∼1000 0.23∼7 77 SSB84 Series 8.3×10×6 1∼1000 0.18∼2.3 78 SSB64 Series 6.3×8×6 1∼1000 0.14∼1.7 78 SSB44 Series 4.8×6.5×5.5 1∼680 0.1∼1.9 78 Standard type, non-shielded type Compact size, high reliability, smoothing inductors for automotives P ・ I-ZM Series 12.7×10.2×6 2.7∼330 0.5∼2.9 53 P ・ I-ZS Series 9.5×7×5 1.2∼8.2 0.6∼3 53 Compact size, high reliability, noise suppression for automotives Compact size, high reliability, smoothing inductors for automotives Magnetic shielded type, compact and high inductance DC/DC converters for notebook PCs C ・PI Series 13.5×14×5.5∼6.5 12.5×13.3×5 10×10.4×5 0.7∼2.7 0.55 0.55∼2.7 13∼26 25 9∼19 17 MPLC Series 7.7×6.7×3 11.5×10×4 1∼4.7 1∼4.7 5∼10.6 8∼14.3 15 Large-Current Inductors MPCG Series 8×6.7×4 11.5×10×4 0.42 0.36∼0.45 22 25 13 HighSpeed/large current DC/DC Converter |