| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FEP10 bảng dữ liệu(PDF) 3 Page - NEC |
|
|
|||||||||||||||||||||||||||||
FEP10 bảng dữ liệu(HTML) 3 Page - NEC |
|
3 / 71 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9603FERVOL05E1001T0 Ferrite Cores VOL.05 3 Ferrite Cores VOL.05 INTRODUCTION Because soft ferrite, such as MOFe2O3 (M:bivalent metal), in the high-frequency range has high magnetic permeability, a large degree of saturation magnetic flux and large characteristic resistance compared to metallic magnetic materials, it is extremely populer as a high- frequency compound. As switching power supplies rapidly become more compact and thinner, requirements for ferrite as a high-frequency transformer material are becoming increasingly stringent. To meet these demands, NEC TOKIN has enhanced its lineup of ferrite cores by adding the BH1 and BH2 types (-300 kHz) which feature improved core loss over the B25 type (-300 kHz), and B40 (500 kHz -1 MHz) with improved core loss in high frequencies. Further, the requirements of larger power supply capacities, increasing thinness and high density mounting are met by the E,FPQ, FEP, FEER and FQK Series, as well as the surface-mounting FEY Series. ●E type cores This series features 46 shapes and sizes from FEI 12.5 to FEE60W, standard-equipped with accessories for accommo- dating different transformer specifications. ●FPQ type cores This series features eight shapes and sizes suitable for high density mounting. ●FEER type cores This series features 19 shapes and sizes with greater winding cross-sectional area than the E and FPQ types. ●FEY type cores This series features htree shapes and sizes suitable for ultra high-density mounting. フェライトコア5版_E 10.1.23 13:24 ページ 3 |