| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9518-0ABCPZ bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9518-0ABCPZ bảng dữ liệu(HTML) 7 Page - Analog Devices |
|
7 / 64 page ![]() Data Sheet AD9518-0 Rev. C | Page 7 of 64 CLOCK OUTPUT ADDITIVE PHASE NOISE (DISTRIBUTION ONLY; VCO DIVIDER NOT USED) Table 6. Parameter Min Typ Max Unit Test Conditions/Comments CLK-TO-LVPECL ADDITIVE PHASE NOISE Distribution section only; does not include PLL and VCO CLK = 1 GHz, Output = 1 GHz Input slew rate > 1 V/ns Divider = 1 At 10 Hz Offset −109 dBc/Hz At 100 Hz Offset −118 dBc/Hz At 1 kHz Offset −130 dBc/Hz At 10 kHz Offset −139 dBc/Hz At 100 kHz Offset −144 dBc/Hz At 1 MHz Offset −146 dBc/Hz At 10 MHz Offset −147 dBc/Hz At 100 MHz Offset −149 dBc/Hz CLK = 1 GHz, Output = 200 MHz Input slew rate > 1 V/ns Divider = 5 At 10 Hz Offset −120 dBc/Hz At 100 Hz Offset −126 dBc/Hz At 1 kHz Offset −139 dBc/Hz At 10 kHz Offset −150 dBc/Hz At 100 kHz Offset −155 dBc/Hz At 1 MHz Offset −157 dBc/Hz >10 MHz Offset −157 dBc/Hz CLOCK OUTPUT ABSOLUTE PHASE NOISE (INTERNAL VCO USED) Table 7. Parameter Min Typ Max Unit Test Conditions/Comments LVPECL ABSOLUTE PHASE NOISE Internal VCO; direct to LVPECL output VCO = 2.95 GHz; Output = 2.95 GHz At 1 kHz Offset −47 dBc/Hz At 10 kHz Offset −78 dBc/Hz At 100 kHz Offset −104 dBc/Hz At 1 MHz Offset −122 dBc/Hz At 10 MHz Offset −140 dBc/Hz At 40 MHz Offset −146 dBc/Hz VCO = 2.75 GHz; Output = 2.75 GHz At 1 kHz Offset −49 dBc/Hz At 10 kHz Offset −79 dBc/Hz At 100 kHz Offset −105 dBc/Hz At 1 MHz Offset −123 dBc/Hz At 10 MHz Offset −141 dBc/Hz At 40 MHz Offset −146 dBc/Hz VCO = 2.55 GHz; Output = 2.55 GHz At 1 kHz Offset −51 dBc/Hz At 10 kHz Offset −80 dBc/Hz At 100 kHz Offset −106 dBc/Hz At 1 MHz Offset −125 dBc/Hz At 10 MHz Offset −142 dBc/Hz At 40 MHz Offset −146 dBc/Hz |