| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7110 bảng dữ liệu(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
7110 bảng dữ liệu(HTML) 3 Page - 3M Electronics |
|
3 / 4 page ![]() 3M™ Tamper-Evident Label FMV02 flashes a bright “VOID” alert when peeled off. 3M™ Tamper-Evident Label 76901 clearly warns to STOP when removing the label. The warning remains obvious if attempts are made to replace it. 3M™ Tamper-Evident Label Materials Note: Technical information and data above should be considered representative only and should not be used for specification purposes. Product Description Adhesive Caliper Liner Top Coat Comments Destructible 7613T White vinyl 350 2.0 55# densified Kraft Yes Smooth, white, topcoated film for immediate destructibility on many surfaces; adhesive permanently bonds to high and low surface energy plastics, textured and contoured surfaces, powder coatings, and slightly oily metals; good UV resistance; UL/CSA recognized FA102 White acetate P1212 2.0 50# super No Film fractures upon removal; good for security seals; high speed die cutting liner; calendared Kraft FDA compliant for indirect food contact 7110 White paper 320 2.0 43# densified Kraft No Press printable and writable; adheres well to most high and low surface energy substrates; survives autoclaving while adhered to most surfaces; excellent resistance to flagging on small diameter vials and containers FA112 Clear acetate P1212 2.0 50# super No Film fractures upon removal; good for security seals; high speed die cutting liner; FDA calendared Kraft compliant for indirect food contact Void 7381 White PET 300 2.3 55# densified Kraft No White "VOID" message when removed; compact image for small labels; adhesive bonds well to a wide variety of high and low surface energy plastics, UL/CSA recognized FMV22 White PET P1410 2,0 50# super Yes White "VOID" message when removed; general purpose adhesive bonds to a variety of calendared Kraft substrates including polyolefins; high speed die cutting liner and matrix stripping; topcoat printable by a variety of film inks and thermal transfer ribbons; FDA compliant for indirect food contact FMV02 Silver PET P1410 2.0 50# super Yes Silver "VOID" message when removed; general purpose adhesive bonds to a variety of calendared Kraft substrates including polyolefins; high speed die cutting liner and matrix stripping; topcoat printable by a variety of film inks and thermal transfer ribbons; FDA compliant for indirect food contact Triangle FMV01402 White PET P1410 2.0 50# super calendared Yes White triangle pattern when removed; general purpose adhesive bonds to a variety of Kraft-Remoist substrates including polyolefins; liner remoisturized to reduce curl; high speed die cutting liner and matrix stripping; topcoat printable by a variety of film inks and thermal transfer ribbons; FDA compliant for indirect food contact FMV01202 Silver PET P1410 2.0 50# super calendared Yes Silver triangle pattern when removed; general purpose adhesive bonds to a variety of Kraft-Remoist substrates including polyolefins; liner remoisturized to reduce curl; high speed die cutting liner and matrix stripping; topcoat printable by a variety of film inks and thermal transfer ribbons; FDA compliant for indirect food contact Stop 76901 Purple Acrylic 1.0 65g/m2 White Yes Designed for high security; high density printable polyethylene film; permanent adhesive Polyethylene densified Glassine fractures a "STOP" message onto the substrate when removed making it impossible to replace the label undetected; bonds to many substrates 76903 Purple Acrylic 1.0 65g/m2 White Yes Designed for high security; high density printable polyethylene film; non-permanent Polyethylene densified Glassine adhesive fractures a "STOP" message on the face of the label; leaves no adhesive residue and makes it impossible to replace the label undetected; adhesive bonds to many substrates 8 9 |