| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS0H473ZF bảng dữ liệu(PDF) 36 Page - NEC |
|
|
|||||||||||||||||||||||||||||
FS0H473ZF bảng dữ liệu(HTML) 36 Page - NEC |
|
36 / 39 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 2010.11.8 9565SCAVOL12E 36 Super Capacitors Vol.12 10. Notes on Using Super Capacitor (Electric Double-Layer Capacitor) 1. Circuitry design 1.1 Useful life The electrical double layered capacitor (super capacitor) uses electrolyte and is sealed with rubber etc. Water in the electrolyte can evaporate in use over long periods at high temperatures, thus reducing electrostatic capacity which in turn will create greater internal resistance. The characteristics of the super capacitor can vary greatly depending on the environment it is used in. Therefore, controlling the usage environment will ensure prolonged life of the part. Basic breakdown mode is an open mode due to increased internal resistance. 1.2 Fail rate in the field Based on field data, the fail rate is calculated at approx. 0.006Fit. We estimate that unreported failures are ten times this amount. Therefore, we assume that the fail rate is below 0.06Fit. 1.3 Voltage application when maximum usable voltage is exceeded Performance may be compromised, and in some cases leakage or damage may occur if applied voltage exceeds maximum working voltage. 1.4 Use of capacitor as a smoothing capacitor (ripple absorption) in electrical circuits As super capacitors contain a high level of internal resistance, they are not recommended for use as electrical smoothing capacitors in electrical circuits. Performance may be compromised, and in some cases leakage or damage may occur if a super capacitor is used in ripple absorption. 1.5 Series connections As applied voltage balance to each super capacitor is lost when used in series connection, excess voltage may be applied to some super capacitors, which will not only negatively affect its performance but may also cause leakage and/or damage. Allow ample margin for maximum voltage or attach a circuit for applying equal voltage to each super capacitor (partial pressure resistor/voltage divider) when using super capacitors in series connection. Also, arrange super capacitors so that the temperature between each capacitor will not vary. 1.6 Outer sleeve insulation The outer sleeve wrapped around the super capacitor indicates that it is sealed, however the outer sleeve is not guaranteed for insulation purposes. Therefore, it cannot be used where insulation is necessary. 1.7 Polar characteristics The super capacitor is manufactured so that the terminal on the outer case is negative (-). Align the (-) symbol during use. Even though discharging has been carried out prior to shipping, any residual electrical charge may negatively affect other parts. 1.8 Use next to heat emitters Useful life of the super capacitor will be significantly affected if used near heat emitting items (coils, power transistors, and posistors etc) where the super capacitor itself may become heated. 1.9 Usage environment This device cannot be used in any acidic, alkaline or similar type of environment. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |