| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS0H223ZF bảng dữ liệu(PDF) 34 Page - NEC |
|
|
|||||||||||||||||||||||||||||
FS0H223ZF bảng dữ liệu(HTML) 34 Page - NEC |
|
34 / 39 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 2010.11.8 9565SCAVOL12E 34 Super Capacitors Vol.12 By changing the solder plating from leaded solder to lead-free solder, and the outer tube material of can-cased conventional SuperCapacitor from polyvinyl chloride to Polyethylene Terephathatate (PET), our new SuperCapacitor has now became even more friendlier to the environment. a. Iron + copper base + lead-free solder plating (Sn-1Cu) b. SUS nickel base + copper base + reflow lead-free solder plating (100% Sn, reflow processed) c. Iron + copper base + lead-free solder plating (100% Sn) Series Part Number Plating Sleeve FA All FA Series a PET (Blue) FE All FE Series a PET (Blue) FS All FS Series a PET (Blue) FR All FR Series a PET (Blue) FT All FT Series a PET (Blue) FY All FYD type a PET (Blue) All FYH type a PET (Blue) FYL0H473ZF a PET (Blue) FYL0H223ZF b PET (Blue) FYL0H103ZF b PET (Blue) FG FG0H103ZF b PET(Blue) FG0H223ZF b PET(Blue) FG0H473ZF b PET(Blue) FG0H104ZF b PET(Blue) FG0H224ZF a PET(Blue) FG0H474ZF a PET(Blue) FG0H105ZF a PET(Blue) FG0H225ZF a PET(Blue) FG0H475ZF a PET(Blue) FGH0H104ZF b PET(Blue) FGH0H224ZF b PET(Blue) FGH0H474ZF a PET(Blue) FGH0H105ZF a PET(Blue) All FGR type a PET(Blue) FM All FM Series a No tube used FC FC0H473ZFTBR24 b No tube used FC0H104ZFTBR24 b No tube used FC0H224ZFTBR24 b No tube used FC0H474ZFTBR32-SS a No tube used FC0H105ZFTBR44-SS a No tube used FC0V104ZFTBR24 b No tube used FC0V224ZFTBR24 b No tube used FC0V474ZFTBR24 b No tube used FCH0V683ZFTBR16 b No tube used FCH0H433ZFTBR16 b No tube used FCS0H473ZFTBR24 b No tube used FCS0H104ZFTBR24 b No tube used FCS0H224ZFTBR24 b No tube used FCS0V104ZFTBR24 b No tube used FCS0V224ZFTBR24 b No tube used FCS0V474ZFTBR24 b No tube used HV All HV Series c PET (Blue) Recommended Pb-free solder : Sn / 3.5Ag / 0.75Cu Sn / 3.0Ag / 0.5Cu Sn / 0.7Cu Sn / 2.5Ag / 1.0Bi / 0.5Cu 8. List of Plating Type and Sleeve Type |