| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EF2 bảng dữ liệu(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
EF2 bảng dữ liệu(HTML) 2 Page - NEC |
|
2 / 7 page ![]() •Allspecificationsinthiscatalogandproductionstatusofproductsaresubjecttochangewithoutnotice.Priortothepurchase,pleasecontactNECTOKINforupdatedproductdata. •Pleaserequestforaspecificationsheetfordetailedproductdatapriortothepurchase. •Beforeusingtheproductinthiscatalog,pleaseread"Precautions"andothersafetyprecautionslistedintheprintedversioncatalog. 9600RELVOL08E1003N1 For various Communication system, For various Automotive electronics system. Miniature signal relays are used mainly in the field of telecommunications equipments such as the telephone switchboards. However, they are widely used also for the home appliance field such as home telephone, BS tuner and audio-video equipment, for the OA field such as printer and facsimile, and for FA field such as measurement equipment. Miniature power relays are used for various applications in automotive electronics field. Communication equipment, measurement instrument, FA equipment, electric home appliances and automotive electronics, and all the rest. In line with the increasing range of functions and downsizing of the various equipments, miniature relays have to respond to the demands of not only high performance and reliability, but also downsizing, low profile and environment resistance. NEC TOKIN uses the state-of-the-art technologies based on the integration of mechatronics and electronics, and has timely released excellent products. These are Miniature Signal Relays and Power Relays. They are ultra miniature and lightweight, and are suitable for high density packaging. In 2009 NEC TOKIN reached the 4 billion mark in the number of relays shipped and is updating the record daily now. Telephone switchboards Facsimile • Test access switch • Telephone line switch Applications Miniature Signal Relays • Telephone switchboards • Communication terminal equipment • FA equipment • Security and alarm equipment The NEC TOKIN’s Miniature Relays have evolved in response to various demands. AV equipment • Selection switch |