| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
200DF bảng dữ liệu(PDF) 31 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
200DF bảng dữ liệu(HTML) 31 Page - Cooper Bussmann, Inc. |
|
31 / 55 page ![]() Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Class aM 500 - 690V / 2 - 630A Sizes 000, 00, 0, 1, 2, 3A Specifications Description: NH Fuses for aM range industrial protection (general protection). Double indicator system for fuse operation (in the body and in the side plate). Version with voltage free metal gripping lugs for insulated fuses. The components used in manufacture are lead and cadmium free. Fuses subject to HRC recycling commitment. Ratings: Applications: Protection of electrical motors. Standards and Approvals: Conform to standards EN IEC 60269, VDE 0636, DIN 43620. Dimensions: see page 35 NH Fuses - Dual Indicator Size Rated Current (A) aM Dual Indicator Unit Packing voltage conducting gripping lugs voltage free metal gripping lugs 000 2 - - 3 4 - - 6 6NHM000B-690 6NHM000BI-690 10 10NHM000B-690 10NHM000BI-690 16 16NHM000B-690 16NHM000BI-690 20 20NHM000B-690 20NHM000BI-690 25 25NHM000B-690 25NHM000BI-690 32 32NHM000B-690 32NHM000BI-690 35 35NHM000B-690 35NHM000BI-690 40 40NHM000B-690 40NHM000BI-690 00 50 50NHM00B 50NHM00BI 3 63 63NHM00B 63NHM00BI 80 80NHM00B 80NHM00BI 100 100NHM00B 100NHM00BI 160 160NHM00B 160NHM00BI 0 6 6NHM0B - 3 10 10NHM0B - 16 16NHM0B - 20 20NHM0B - 25 25NHM0B - 32 32NHM0B - 35 35NHM0B - 40 40NHM0B - 50 50NHM0B - 63 63NHM0B - 80 80NHM0B - 100 100NHM0B - 1 50 - - 3 63 63NHM1B-690 63NHM1BI-690 80 80NHM1B 80NHM1BI 100 100NHM1B 100NHM1BI 125 125NHM1B 125NHM1BI 160 160NHM1B 160NHM1BI 200 200NHM1B 200NHM1BI 224 224NHM1B 224NHM1BI 250 250NHM1B 250NHM1BI 2 63 - - 3 80 - - 100 - - 125 125NHM2B-690 125NHM2BI-690 160 160NHM2B-690 160NHM2BI-690 200 200NHM2B-690 200NHM2BI-690 224 224NHM2B-690 224NHM2BI-690 250 250NHM2B-690 250NHM2BI-690 315 315NHM2B-690 315NHM2BI-690 355 355NHM2B-690 355NHM2BI-690 400 400NHM2B 400NHM2BI 3 250 - - 3 315 315NHM3B-690 315NHM3BI-690 355 355NHM3B-690 355NHM3BI-690 400 400NHM3B-690 400NHM3BI-690 500 500NHM3B-690 500NHM3BI-690 630 630NHM3B 630NHM3BI Catalogue Numbers Volts: - 690V ac Amps: - 25 - 32A IR - 80 kA - 500Vac (sizes 000,00 - up to 100A) - 120kA - 500Vac/690Vac 32 |