| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H3AM bảng dữ liệu(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H3AM bảng dữ liệu(HTML) 5 Page - Omron Electronics LLC |
|
5 / 8 page ![]() http://www.ia.omron.com/ 5 (c)Copyright OMRON Corporation 2007 All Rights Reserved. H3AM Operations ■ Timing Charts Power supply (1-2) Time-limit contact NC (3-4, 7-8) (See note 1.) Time-limit contact NO (3-5, 6-8) (See note 1.) Power indicator (POWER) Output indicator (UP) Instantaneous contact NC (7-8) (See note 1.) Instantaneous contact NO (6-8) (See note 1.) tt Rt Power supply (1-2) Time-limit contact NC (3-4) Time-limit contact NO (3-5) Instantaneous contact NC (7-8) Instantaneous contact NO (6-8) Power indicator (POWER) Output indicator (UP) Reset (9-10) t t' t+t' Rt' Rt' Note: 1. The R2 contacts (7-8 and 6-8) are programmable and can be set to either instantaneous or time-limit contacts using the switch located on the bottom of the Timer. 2. Rt is the reset time and t is the set time. Note: t is the set time, Rt’ is the reset application time, and t’ is the power interruption time. H3AM-NS H3AM-NSR Power supply (1-2) Time-limit contact NC (3-4) Time-limit contact NO (3-5) Instantaneous contact NC (7-8) Instantaneous contact NO (6-8) Power indicator (POWER) Output indicator (UP) Reset (9-10) t t' t+t' Rt' Rt' |