| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL3010 bảng dữ liệu(PDF) 1 Page - System Logic Semiconductor |
|
|
|||||||||||||||||||||||||||||
SL3010 bảng dữ liệu(HTML) 1 Page - System Logic Semiconductor |
|
1 / 8 page ![]() SL3010 System Logic Semiconductor SLS INFRARED REMOTE CONTROL TRANSMITTER RC-5 The SL3010 is intended as a general purpose (RC-5) infrared remote control system for use where a low voltage supply and a large debounce time are expected. The device can generate 2048 different commands and utilizes a keyboard with a single pole switch for each key. The command are arranged so that 32 systems can be addressed, each system containing 64 different commands. The keyboard interconnection is illustrated by Fig.1. • Low voltage requirement • Single pin oscillator • Biphase transmission technique • Test mode facility ORDERING INFORMATION SL3010N Plastic SL3010D SOIC TA = -25 ° to 85° C for all packages. BLOCK DIAGRAM PIN ASSIGNMENT |
Số phần tương tự - SL3010 |
|
Mô tả tương tự - SL3010 |