công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SFS3J bảng dữ liệu(PDF) 1 Page - Frontier Electronics.

tên linh kiện SFS3J
Giải thích chi tiết về linh kiện  3A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FRONTIER [Frontier Electronics.]
Trang chủ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SFS3J bảng dữ liệu(HTML) 1 Page - Frontier Electronics.

  SFS3J Datasheet HTML 1Page - Frontier Electronics. SFS3J Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S3A THRU SFS3J
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
3A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
SFS3A THRU SFS3J
FEATURES
LOW PROFILE PACKAGE
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
94V-0
IDEAL FOR SURFACE MOUNTED APPLICATION
GLASS PASSIVATED CHIP JUNCTION
BUILT-IN STRAIN RELIEF DESIGN
SUPER FAST RECOVERY TIME FOR HIGH EFFICIENT
HIGH TEMPERATURE SOLDERING : 250°C/10 SECONDS AT
TERMINAL
MECHANICAL DATA
CASE: JEDEC DO-214AA MOLDED PLAS BODY, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINAL: SOLDER PLATED, SOLDERABLE PER MIL-STD-
750 METHOD 2026
POLARITY: COLOR BAND DENOTES CATHODE
WEIGHT: 0.21 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.
FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
SFS3A
SFS3B
SFS3D
SFS3E
SFS3G
SFS3H
SFS3J
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
300
400
500
600
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
210
280
350
420
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
300
400
500
600
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
AT TL=90°C
IO
3.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
100
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
25
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
RθjL
20
°C /W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
°C
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SFS3A
SFS3B
SFS3D
SFS3E
SFS3G
SFS3H
SFS3J
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
0.95
1.25
1.85
V
MAXIMUM REVERSE CURRENT AT 25
℃
IR
10
μA
MAXIMUM REVERSE CURRENT AT 100
℃
IR
100
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE3)
TRR
35
nS
MARKING
SFS3A
SFS3B
SFS3D
SFS3E
SFS3G
SFS3H
SFS3J
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. THERMAL RESISTANCE FROM JUNCTION TO AMBIENT AND JUNCTION TO LEAD P.C.B. MOUNTED ON
0.3x0.3”(8.0x8.0mm) COPPER PAD AREAS
3. REVERSE RECOVERY TEST CONDITIONS: I
F=0.5A, IR=1.0A, IRR=0.25A
.060(1.52)
.030(0.76)
.320(8.13)
.305(7.75)
.103(2.62)
.079(2.06)
.280(7.11)
.260(6.60)
.245(6.22)
.220(5.59)
.126(3.20)
.114(2.90)
CATHODE


Số phần tương tự - SFS3J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Frontier Electronics.
SFS3J-LFR FRONTIER-SFS3J-LFR Datasheet
131Kb / 2P
3A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
More results

Mô tả tương tự - SFS3J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Frontier Electronics.
MURS305 FRONTIER-MURS305 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS305-LFR FRONTIER-MURS305-LFR Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
SF30-005 FRONTIER-SF30-005 Datasheet
127Kb / 2P
3A SUPER FAST RECOVERY RECTIFIER
SF30-005-LFR FRONTIER-SF30-005-LFR Datasheet
128Kb / 3P
3A SUPER FAST RECOVERY RECTIFIER
SFS3A-LFR FRONTIER-SFS3A-LFR Datasheet
131Kb / 2P
3A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
US3A FRONTIER-US3A Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US3A-LFR FRONTIER-US3A-LFR Datasheet
130Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Microdiode Semiconducto...
ES1AF CHENDA-ES1AF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES3ABF CHENDA-ES3ABF_V01 Datasheet
985Kb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
MER2DAH-AU PANJIT-MER2DAH-AU Datasheet
188Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DAH-AU-REV.00
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com