công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2MLQ1 bảng dữ liệu(PDF) 99 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF2MLQ1
Giải thích chi tiết về linh kiện  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2MLQ1 bảng dữ liệu(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2MLQ1 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ1 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ1 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ1 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ1 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ1 Datasheet HTML 100Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ1 Datasheet HTML 101Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ1 Datasheet HTML 102Page - Freescale Semiconductor, Inc SPC5643LFF2MLQ1 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
99
3.16
Flash memory electrical characteristics
3 This is the maximum frequency that the analog portion of the ADC can attain. A sustained conversion at this frequency is not
possible.
4 During the sample time the input capacitance CS can be charged/discharged by the external source. The internal resistance
of the analog source must allow the capacitance to reach its final voltage level within tsample. After the end of the sample time
tsample, changes of the analog input voltage have no effect on the conversion result. Values for the sample clock tsample depend
on programming.
5 This parameter does not include the sample time t
sample, but only the time for determining the digital result and the time to
load the result register with the conversion result.
6 See Figure 8.
7 For the 144-pin package
8 No missing codes
Table 26. Flash memory program and erase electrical specifications
No.
Symbol
Parameter
Typ1
1 Typical program and erase times represent the median performance and assume nominal supply values and
operation at 25C. These values are characterized, but not tested.I
Factory
Avg
Initial
Max2
2 Initial Max program and erase times provide guidance for time-out limits used in the factory and apply for <
100 program/erase cycles, nominal supply values and operation at 25C. These values are verified at production
test.
Lifetime
Max3
3 Lifetime Max program and erase times apply across the voltage, temperature, and cycling range of product
life. These values are characterized, but not tested.
Unit
1TDWPROGRAM *
4
4 Program times are actual hardware programming times and do not include software overhead.
Double word (64 bits) program time4
38
—
—
500
µs
2TPPROGRAM *
5 Page(128 bits) program time5
5 Program times are actual hardware programming times and do not include software overhead.
45
53
160
500
µs
3T16KPPERASE *
5 16 KB block pre-program and erase time
270
1000
500
5000
ms
4T48KPPERASE *
5 48 KB block pre-program and erase time
625
1500
750
5000
ms
5T64KPPERASE *
5 64 KB block pre-program and erase time
800
1800
900
5000
ms
6T128KPPERASE *
5 128 KB block pre-program and erase time
1500 2600
1300
7500
ms
7T256KPPERASE *
5 256 KB block pre-program and erase time
3000 5200
2600
15000
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com