công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAG3110FCR1 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MAG3110FCR1
Giải thích chi tiết về linh kiện  Three-Axis, Digital Magnetometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110FCR1 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MAG3110FCR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAG3110FCR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAG3110FCR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAG3110FCR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAG3110FCR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAG3110FCR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAG3110FCR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAG3110FCR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAG3110FCR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Sensors
4
Freescale Semiconductor, Inc.
1.1
Application Circuit
Device power is supplied through the VDD line. Power supply decoupling capacitors (100 nF ceramic) should be placed as near
as possible to pins 1 and 2 of the device. Additionally a 1
μF (or larger) capacitor should be used for bulk decoupling of the VDD
supply rail as shown in Figure 4. VDDIO supplies power for the digital I/O pins SCL, SDA, and INT1.
The control signals SCL and SDA, are not tolerant of voltages more than VDDIO + 0.3 volts. If VDDIO is removed, the control
signals SCL and SDA will clamp any logic signals through their internal ESD protection diodes.
Figure 4. Electrical Connection
Table 1. Pin Descriptions
Pin
Name
Function
1
Cap-A
Bypass Cap for Internal Regulator
2
VDD
Power Supply, 1.95V – 3.6V
3
NC
Do not connect.
4
Cap-R
Magnetic Reset Pulse Circuit Capacitor connection
5
GND
GND
6
SDA
I2C Serial Data (8-bit I2C write address - 0x1C, read = 0x1D)
7
SCL
I2C Serial Clock
8
VDDIO
Digital interface supply, 1.65V - VDD
9
INT1
Interrupt - Active High Output
10
GND
GND
SDA
VDDIO
1
2
3
4
5
10
9
8
7
6
(Top View)
100 nF
1
μF
VDD
100 nF
100 nF
SCL
INT1
4.7K
100 nF
4.7K
Cap-A
VDD
NC
Cap-R
GND
GND
INT1
SDA
VDDIO
SCL
MAG3110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com