| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP6832 bảng dữ liệu(PDF) 11 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP6832 bảng dữ liệu(HTML) 11 Page - Sipex Corporation |
|
11 / 15 page ![]() 11 SP6832DS/04 SP6832 High Speed, High Efficiency Voltage Inverter © Copyright 2000 Sipex Corporation OUT SP6832 C1 1 5 3 C2 C1+ C1- GND 2 4 C4 C3 IN D1 D2 +VIN VOUT1 = (2 x VIN) - VFD1 - VFD2 VOUT2 = -VIN VOUT1 VOUT2 where VOUT1 = positive doubled output voltage, VIN = input voltage, VFD1 = forward bias voltage across D1, VFD2 = forward bias voltage across D2, and VOUT2 = inverted output voltage. D1 = D2 = 1N4148 Figure 19. SP6832 Device Connected in a Doubler/Inverter Combination Circuit Figure 18. Protection for Heavy Loads SP6832 1 4 OUT GND 1N5817 |