công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP6828 bảng dữ liệu(PDF) 12 Page - Sipex Corporation

tên linh kiện SP6828
Giải thích chi tiết về linh kiện  3V Low Power Voltage Inverters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6828 bảng dữ liệu(HTML) 12 Page - Sipex Corporation

Back Button SP6828 Datasheet HTML 8Page - Sipex Corporation SP6828 Datasheet HTML 9Page - Sipex Corporation SP6828 Datasheet HTML 10Page - Sipex Corporation SP6828 Datasheet HTML 11Page - Sipex Corporation SP6828 Datasheet HTML 12Page - Sipex Corporation SP6828 Datasheet HTML 13Page - Sipex Corporation SP6828 Datasheet HTML 14Page - Sipex Corporation SP6828 Datasheet HTML 15Page - Sipex Corporation SP6828 Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
SP6828DS/11
SP6828/6829 +3V Low Power Voltage Inverter
© Copyright 2000 Sipex Corporation
Negative Voltage Converter
The typical operating circuit for the SP6828/
6829 devices is a negative voltage converter.
Refer to Figure 19. This circuit is used to obtain
the Typical Performance Characteristics found
in Figures 1 to 18 (unless otherwise noted).
Voltage Inverter with the Load from
V
OUT to VIN
A designer can find the most common application
for the SP6828/6829 devices in Figure 20 as a
voltage inverter. The only external components
needed are 3 capacitors: the flying capacitor, C1,
the output capacitor, C2, and the bypass capacitor,
C3 (if necessary).
Driving Excessive Loads
The output should never be pulled above ground.
A designer should implement a Schottky diode
(1N5817) from OUT to GND when driving
heavy loads where a higher supply is sourcing
current into OUT. Refer to Figure 23 for this
circuit connection.
APPLICATION INFORMATION
For the following applications, C1 = C2 = 10
µF
for the SP6828 and C1 = C2 = 3.3
µF for the
SP6829.
Capacitor Selection
Low ESR capacitors are needed to obtain low
output resistance. Refer to Table 1 for some
suggested low ESR capacitors. The output
resistance of the SP6828/6829 devices is a
function of the ESR of C1 and C2. This output
resistance can be determined by the equation
previously provided in the Efficiency section:
R
OUT ≈ 4 x (2 x RSWITCHES + ESRC1) +
ESR
C2 +
1
fOSC x C1
,
where R
OUT is the circuit output resistance,
R
SWITCHES is the internal resistance of the MOSFET
switches, ESR
C1 and ESRC2 are the ESR of their
respective capacitors, and f
OSC is the oscillator
frequency. This term with f
OSC is derived from an
ideal switched-capacitor circuit as seen in
Figure 21.
Minimizing the ESR of C1 and C2 will minimize
the total output resistance and will improve the
efficiency.
Flying Capacitor
Decreasing flying capacitor, C1, values will
increase the output resistance of the SP6828/
6829 devices while increasing C1 will reduce the
output resistance. There is a point where
increasing C1 will have a negligible effect on the
output resistance due to the the domination of the
output resistance by the internal MOSFET switch
resistance and the total capacitor ESR.
Output Capacitor
Increasing output capacitor, C2, values will
decrease the output ripple voltage. Reducing the
ESR of C2 will reduce both output ripple voltage
and output resistance. If higher output ripple can
be tolerated in designs, smaller capacitance values
for C2 should be used with light loads. The
following equation can be used to calculate the
peak-to-peak ripple voltage:
V
RIPPLE = 2 x IOUT x ESRC2 +
I
OUT
f
OSC x C2
.
Input Bypass Capacitor
The bypass capacitor at the input pin will reduce
AC impedance and the impact of any of the
SP6828/6829 devices' switching noise. It is
recommended that for heavy loads a bypass
capacitor approximately equal to the flying
capacitor, C1, be used. For light loads, the value
of the bypass capacitor can be reduced.
When loading the SP6828/6829 devices from IN
to OUT, the input current remains constant
(disregarding any spikes due to internal
switching). Implementing a 0.1
µF bypass
capacitor should be sufficient.
When loading the SP6828/6829 devices from
OUT to GND, the current from the supply will
flow into the input for half of the cycle and will
be zero for the other half of the cycle. Designers
should implement a large bypass capacitor
(C3 = C1) if the supply has a high AC impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com