| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP574BA bảng dữ liệu(PDF) 14 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP574BA bảng dữ liệu(HTML) 14 Page - Sipex Corporation |
|
14 / 15 page ![]() SP574B/674B/1674B/774B 12–Bit Sampling A/D Converters © Copyright 2000 Sipex Corporation 14 Figure 10. Typical FFT at Nyquist Sampling Rates ORDERING INFORMATION Model Monotonicity Linearity Gain TC Temperature Range Package Types 25 µs Conversion Time SP574BJ ............... 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S SP574BK .............. 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S SP574BA .............. 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S SP574BB .............. 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S SP574BS .............. 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... –55°C to +125°C ........................................ Q SP574BT ............... 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... –55°C to +125°C ........................................ Q 15 µs Conversion Time SP674BJ ............... 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S SP674BK .............. 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S SP674BA .............. 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S SP674BB .............. 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S SP674BS .............. 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... –55°C to +125°C ........................................ Q SP674BT ............... 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... –55°C to +125°C ........................................ Q 10 µs Conversion Time SP1674BJ ............. 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S SP1674BK ............ 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S SP1674BA ............ 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S SP1674BB ............ 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S SP1674BS ............ 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... –55°C to +125°C ........................................ Q SP1674BT ............. 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... –55°C to +125°C ........................................ Q 8 µs Conversion Time SP774BJ ............... 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S SP774BK .............. 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S SP774BA .............. 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S SP774BB .............. 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S SP774BS .............. 11 Bits .............................. ±1.0 LSB ...................... 50ppm/°C ....................... –55°C to +125°C ........................................ Q SP774BT ............... 12 Bits .............................. ±0.5 LSB ...................... 25ppm/°C ....................... –55°C to +125°C ........................................ Q N — 28–pin, 0.3" wide plastic DIP .................. L — 28-pin, PLCC ....... S — 28–pin, 0.3" SOIC P — 28–pin, 0.6" wide plastic DIP ......................................................... Q — 28–pin, 0.6" Ceramic DIP (consult factory) |