công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP574BJ bảng dữ liệu(PDF) 14 Page - Sipex Corporation

tên linh kiện SP574BJ
Giải thích chi tiết về linh kiện  12-Bit Sampling A/D Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP574BJ bảng dữ liệu(HTML) 14 Page - Sipex Corporation

Back Button SP574BJ Datasheet HTML 7Page - Sipex Corporation SP574BJ Datasheet HTML 8Page - Sipex Corporation SP574BJ Datasheet HTML 9Page - Sipex Corporation SP574BJ Datasheet HTML 10Page - Sipex Corporation SP574BJ Datasheet HTML 11Page - Sipex Corporation SP574BJ Datasheet HTML 12Page - Sipex Corporation SP574BJ Datasheet HTML 13Page - Sipex Corporation SP574BJ Datasheet HTML 14Page - Sipex Corporation SP574BJ Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
14
Figure 10. Typical FFT at Nyquist Sampling Rates
ORDERING INFORMATION
Model
Monotonicity
Linearity
Gain TC
Temperature Range
Package Types
25
µs Conversion Time
SP574BJ ............... 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S
SP574BK .............. 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S
SP574BA .............. 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S
SP574BB .............. 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S
SP574BS .............. 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... –55°C to +125°C ........................................ Q
SP574BT ............... 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... –55°C to +125°C ........................................ Q
15
µs Conversion Time
SP674BJ ............... 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S
SP674BK .............. 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S
SP674BA .............. 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S
SP674BB .............. 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S
SP674BS .............. 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... –55°C to +125°C ........................................ Q
SP674BT ............... 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... –55°C to +125°C ........................................ Q
10
µs Conversion Time
SP1674BJ ............. 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S
SP1674BK ............ 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S
SP1674BA ............ 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S
SP1674BB ............ 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S
SP1674BS ............ 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... –55°C to +125°C ........................................ Q
SP1674BT ............. 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... –55°C to +125°C ........................................ Q
8
µs Conversion Time
SP774BJ ............... 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S
SP774BK .............. 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... 0°C to +70°C ................................. L, N, P, S
SP774BA .............. 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S
SP774BB .............. 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... –40°C to +85°C ............................. L, N, P, S
SP774BS .............. 11 Bits ..............................
±1.0 LSB ...................... 50ppm/°C ....................... –55°C to +125°C ........................................ Q
SP774BT ............... 12 Bits ..............................
±0.5 LSB ...................... 25ppm/°C ....................... –55°C to +125°C ........................................ Q
N — 28–pin, 0.3" wide plastic DIP .................. L — 28-pin, PLCC ....... S — 28–pin, 0.3" SOIC
P — 28–pin, 0.6" wide plastic DIP ......................................................... Q — 28–pin, 0.6" Ceramic DIP (consult factory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15