| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP526 bảng dữ liệu(PDF) 8 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP526 bảng dữ liệu(HTML) 8 Page - Sipex Corporation |
|
8 / 23 page ![]() 8 Rev: B Date:7/7/04 SP526 Multi–Mode Serial Transceiver © Copyright 2004 Sipex Corporation - A V OC C A V T C 3kΩ A V T C 7kΩ Oscilloscope Scope used for slew rate measurement. A I sc C A C V CC = 0V ±2V I x A C 3kΩ 2500pF Oscilloscope Figure 1. V.28 Driver Output Open Circuit Voltage Figure 2. V.28 Driver Output Loaded Voltage Figure 3. V.28 Driver Output Slew Rate Figure 4. V.28 Driver Output Short-Circuit Current Figure 6. Driver Output Rise/Fall Times Figure 5. V.28 Driver Output Power-Off Impedance TEST CIRCUITS |