| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP504 bảng dữ liệu(PDF) 18 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP504 bảng dữ liệu(HTML) 18 Page - Sipex Corporation |
|
18 / 31 page ![]() 18 Rev: A Date:1/27/04 SP504 Multi–Mode Serial Transceivers © Copyright 2004 Sipex Corporation SP504 Receiver Mode Selection SP504 Driver Mode Selection Pin Label RDEC 3–RDEC0 RD(a) RD(b) RT(a) RT(b) CS(a) CS(b) DM(a) DM(b) RR(a) RR(b) IC(a) IC(b) SCT(a) SCT(b) Pin Label Mode: RS232 V.35 RS422 RS485 RS449 EIA530 EIA-530A V.36 0000 0010 1110 0100 0101 1100 1101 1111 0110 SD(a) tri-state V.28 V.35– V.11– RS485– V.11– SD(b) V.35+ V.11+ RS485+ V.11+ TR(a) tri-state V.28 V.11– RS485– V.11– V.10 TR(b) tri-state tri-state tri-state V.11+ RS485+ V.11+ tri-state RS(a) tri-state V.28 V.11– RS485– V.11– RS(b) tri-state tri-state tri-state V.11+ RS485+ V.11+ RL(a) tri-state V.28 V.11– RS485– V.10 RL(b) tri-state tri-state tri-state V.11+ RS485+ tri-state LL(a) tri-state V.28 V.11– RS485– V.10 LL(b) tri-state tri-state tri-state V.11+ RS485+ tri-state ST(a) tri-state V.28 V.35– V.11– RS485– V.11– ST(b) V.35+ V.11+ RS485+ V.11+ TT(a) tri-state V.28 V.35– V.11– RS485– V.11– TT(b) V.35+ V.11+ RS485+ V.11+ tri-state tri-state tri-state tri-state tri-state tri-state V.28 V.28 V.28 V.28 V.11– V.11+ V.11– V.11+ V.11– V.11+ V.10 tri-state tri-state V.11– V.11+ V.11– V.11+ V.10 V.11– V.11+ V.11– V.11+ V.11– V.11+ V.11– V.11+ V.11– V.11+ V.10 tri-state V.10 tri-state V.11– V.11+ V.10 tri-state V.10 tri-state V.10 tri-state V.11– V.11+ V.11– V.11+ 30 TDEC –TDEC Mode: RS232 V.35 RS422 RS485 RS449 EIA530 EIA-530A V.36 0000 0010 1110 0100 0101 1100 1101 1111 0110 V.28 V.35– V.11– RS485– V.11– V.35+ V.11+ RS485+ V.11+ V.28 V.11– RS485– V.11– V.11+ RS485+ V.11+ V.28 V.11– RS485– V.11– V.11+ RS485+ V.11+ V.28 V.11– RS485– V.11+ RS485+ V.28 V.11– RS485– V.11+ RS485+ V.28 V.11– RS485– V.11+ RS485+ V.28 V.35– V.11– RS485– V.11– V.35+ V.11+ RS485+ V.11+ V.28 V.28 V.28 V.11– V.11+ V.11– V.11+ V.11– V.11+ V.11– V.11+ V.11– V.11+ V.11– V.11+ V.11– V.11+ V.11– V.11+ V.10 V.10 V.10 V.11– V.11+ >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND >12kΩ to GND V.11– V.11+ V.11– V.11+ >12kΩ to GND >12kΩ to GND V.10 V.10 >12kΩ to GND V.10 >12kΩ to GND V.10 V.11– V.11+ V.11– V.11+ V.11– V.11+ >12kΩ to GND V.10 V.11– V.11+ V.11– V.11+ V.35– V.35+ V.28 >12kΩ to GND Table 1. Driver Mode Selection Table 2. Receiver Mode Selection |