| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP502 bảng dữ liệu(PDF) 7 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP502 bảng dữ liệu(HTML) 7 Page - Sipex Corporation |
|
7 / 30 page ![]() 7 Rev. 7/21/03 SP502 Multi-Mode Serial Transceiver © Copyright 2003 Sipex Corporation PINOUT… RxD 1 RDEC0 2 RDEC1 3 RDEC2 4 RDEC3 5 ST/TT 6 GND 7 VCC 8 TDEC3 9 TDEC2 10 TDEC1 11 TDEC0 12 DTR 13 TxD 14 TxC 15 RTS 16 RL 17 NC 18 DCD 19 RxC 20 60 GND 59 SD(b) 58 TR(a) 57 GND 56 TR(b) 55 VCC 54 RS(a) 53 GND 52 RS(b) 51 LL(a) 50 GND 49 LL(b) 48 VCC 47 RL(a) 46 GND 45 RL(b) 44 ST(b) 43 GND 42 ST(a) 41 VCC SP502 Note: NC (No Connection) pins should be left floating. Internal signals may be present. PIN ASSIGNMENTS… CLOCK AND DATA GROUP Pin 1 — RxD — Receive Data; TTL output, sourced from RD(a) and RD(b) inputs. Pin 14 — TxD — TTL input ; transmit data source for SD(a) and SD(b) outputs. Pin 15 — TxC — Transmit Clock; common TTL input for both ST and TT driver outputs. Pin 20 — RxC — Receive Clock; TTL output sourced from RT(a) and RT(b) inputs. Pin 37 — RT(a) — Receive Timing; analog input, inverted; source for RxC. Pin 38 — RT(b) — Receive Timing; analog input, non-inverted; source for RxC. Pin 42 — ST(a) — Send Timing; analog output, inverted; sourced from ST. Pin 44 — ST(b) — Send Timing; analog output, non-inverted; sourced from ST. Pin 59 — SD(b) — Analog Out — Send data, non-inverted; sourced from TxD. Pin 61 — SD(a) — Analog Out — Send data, inverted; sourced from TxD. Pin 63 — TT(a) — Analog In or Out — Terminal Timing, inverted; sourced to TxC or RxT. Pin 65 — TT(b) — Analog In or Out — Terminal Timing, non–inverted; sourced to TxC or RxT. Pin 70 — RD(a) — Receive Data, analog input; inverted; source for RxD. Pin 71 — RD(b) — Receive Data; analog input; non-inverted; source for RxD. CONTROL LINE GROUP Pin 13 — DTR — Data Terminal Ready; TTL input; source for TR(a) and TR(b) outputs. Pin 16 — RTS — Ready To Send; TTL input; source for RS(a) and RS(b) outputs. Pin 17 — RL — Remote Loopback; TTL input; source for RL(a) and RL(b) outputs. Pin 19 — DCD— Data Carrier Detect; TTL output; sourced from RR(a) and RR(b) inputs. Pin 21 — RI — Ring In; TTL output; sourced from IC(a) and IC(b) inputs. Pin 24 — LL — Local Loopback; TTL input; source for LL(a) and LL(b) outputs. Pin 35 — RR(a)— Receiver Ready; analog input, inverted; source for DCD. Pin 36 — RR(b)— Receiver Ready; analog input, non-inverted; source for DCD. Pin 39 — IC(a)— Incoming Call; analog input, inverted; source for RI. Pin 40 — IC(b)— Incoming Call; analog input, non-inverted; source for RI. Pin 45 — RL(b) — Remote Loopback; analog output, non-inverted; sourced from RL. Pin 47 — RL(a) — Remote Loopback; analog output inverted; sourced from RL. Pin 49— LL(b) — Local Loopback; analog output, non-inverted; sourced from LL. Pin 51 — LL(a) — Local Loopback; analog output, inverted; sourced from LL. Pin 52 — RS(b) — Ready To Send; analog output, non-inverted; sourced from RTS. Pin 54 — RS(a) — Ready To Send; analog output, inverted; sourced from RTS. Pin 56 — TR(b) — Terminal Ready; analog output, non-inverted; sourced from DTR. Pin 58 — TR(a) — Terminal Ready; analog output, inverted; sourced from DTR. Pin 66 — CS(a)— Clear To Send; analog input, inverted; source for CTS. Pin 67 — CS(b)— Clear To Send; analog input, non-inverted; source for CTS. Pin 68 — DM(a)— Data Mode; analog input, inverted; source for DSR. Pin 69 — DM(b)— Data Mode; analog input, non-inverted; source for DSR. |