| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSL-06925P9 bảng dữ liệu(PDF) 69 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
CSL-06925P9 bảng dữ liệu(HTML) 69 Page - Tyco Electronics |
|
69 / 85 page ![]() CMD Cable and wire marker dispenser 69 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Self-Laminating Labels Ordering information Available sizes and formats Ordering Markers/ (A) (B) Comments description pack height width mm inches mm inches CMD-0-9 10 x 76 32.0 1.25 6.4 0.25 Loaded dispenser contains markers pre-marked 0 to 9 CMD-CC 10 x 76 32.0 1.25 6.4 0.25 Loaded dispenser contains colour coded markers Extra Items CMD-0-9-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked 0 to 9 CMD-CC-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box colour coded CMD-EMPTY N/A N/A N/A Empty dispenser CMD-A-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked A CMD-B-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked B CMD-C-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked C CMD-D-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked D CMD-E-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked E CMD-F-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked F CMD-G-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked G CMD-H-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked H CMD-L-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked L CMD-N-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked N CMD-R-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked R CMD-S-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked S CMD-T-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked T CMD-U-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked U CMD-V-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked V CMD-W-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked W CMD-MINUS-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked - CMD-PLUS-REFILL 10 x 76 32.0 1.25 6.4 0.25 Refill box pre-marked + A B |