| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSL-02713P9 bảng dữ liệu(PDF) 21 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
CSL-02713P9 bảng dữ liệu(HTML) 21 Page - Tyco Electronics |
|
21 / 85 page ![]() CM-SCE Military grade tie-on cable marker tags 21 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Ordering information Available sizes and formats Ordering Size Markable Markable Recommended description height length use range mm inches mm inches mm inches CM-SCE- 1/4-6H- <color> 1 /4 6.40 0.250 50.80 2.000 5.08 – 12.50 0.200 – 0.492 CM-SCE- 1/4-4H- <color> 1 /4 6.40 0.250 50.80 2.000 5.08 – 12.50 0.200 – 0.492 CM-SCE -TP- 1/4- 4H- <color>* 1 /4 6.40 0.250 50.80 2.000 5.08 – 12.50 0.200 –0.492 CM -SCE- 1/2- 4H- <color> 1 /2 12.70 0.500 50.80 2.000 12.50 and up 0.492 and up CM -SCE-TP- 1/2- 4H- <color>* 1 /2 12.70 0.500 50.80 2.000 12.50 and up 0.492 and up CM -SCE- 1/2- 6H- <color> 1 /2 12.70 0.500 50.80 2.000 12.50 and up 0.492 and up CM -SCE-TP- 1/2- 6H- <color>* 1 /2 12.70 0.500 50.80 2.000 12.50 and up 0.492 and up * ffo orr tth he errm ma all ttrra an nssffe err p prriin nttiin ng g Options Tie-wrap holes 1/4- inch tags Four holes standard 1/2- inch tags Four holes Six holes Code 4H 6H Fanfold Code Fx (substitute package size code for “x”) Package sizes Standard 250 pieces Colors Standard White Code 9 Nonstandard Yellow Code 4 Ordering information: Specify product name, markable height of marker, pack size, number of tie wraps and color. Ordering example: CM-SCE--2.5K - 1/4-4H-9 Figure 1 CM-SCE- 1/4 INCH |