| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F75113 bảng dữ liệu(PDF) 2 Page - Feature Integration Technology Inc. |
|
|
|||||||||||||||||||||||||||||
F75113 bảng dữ liệu(HTML) 2 Page - Feature Integration Technology Inc. |
|
2 / 87 page ![]() Dec, 2011 V0.13P F75113 F75113 Datasheet Revision History Version Date Page Revision History V0.10P 2010/12 Preliminary version V0.11P 2011/01 4, 8 63-65 91-92 1. Add SERIRQ on F75113U pin5 2. Add Register 50 ~ 54h 3. Update Reference Circuits V0.12P 2011/07 17, 21 30, 31 39, 40 48, 49 59, 60 74, 75 68 68 84 87 1. Update Global Control Register for LPC Interface 2. Update GPIO0X Input De-bounce Register ⎯ Index 16h 3. Update GPIO1X Input De-bounce Register ⎯ Index 26h 4. Update GPIO2X Input De-bounce Register ⎯ Index 36h 5. Update GPIO3X Input De-bounce Register ⎯ Index 46h 6. Update GPIO4X Input De-bounce Register ⎯ Index 76h 7. Add Chip ID1 & ID 2 Register ⎯ Index 5Ah, 5Bh 8. Add Vendor ID1 & ID2 Register ⎯ Index 5Dh, 5Eh 9. Delete 32 QFN Package 10. Update Reference Circuits (for SPI) V0.13P 2011/12 1. Made Clarification and Correction 2. Modify Pin 9~16 Type Please note that all data and specifications are subject to change without notice. All the trade marks of products and companies mentioned in this data sheet belong to their respective owners. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Fintek for any damages resulting from such improper use or sales. |