| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DMVF1679VT-100 bảng dữ liệu(PDF) 57 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
DMVF1679VT-100 bảng dữ liệu(HTML) 57 Page - Tyco Electronics |
|
57 / 85 page ![]() PV Polyvinyl fluoride dot matrix printable self-laminating labels 57 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Self-Laminating Labels Ordering information Available sizes and formats Ordering Package Labels Max. Cable (A) Label (B) Label (C) Printable (D) Horizontal (E) Vertical (F) Web description quantity across OD width height height repeat repeat width mm inches mm inches mm inches mm inches mm inches mm inches mm inches J-PV10 10,000 12 5.1 0.20 12.70 0.500 19.10 0.750 9.50 0.375 15.20 0.600 25.40 1.000 205.70 8.100 N-PV10 10,000 16 7.6 0.30 12.70 0.500 36.50 1.437 12.70 0.500 12.70 0.500 38.10 1.500 228.60 9.000 Q-PV10 10,000 9 7.6 0.30 19.10 0.750 44.50 1.750 12.70 0.500 22.90 0.900 50.80 2.000 227.30 8.950 A-PV10 10,000 6 7.6 0.30 20.30 0.800 36.50 1.437 12.70 0.500 22.90 0.900 38.10 1.500 160.00 6.300 O-PV10 10,000 8 7.6 0.30 25.40 1.000 36.50 1.437 12.70 0.500 25.40 1.000 38.10 1.500 228.60 9.000 R-PV5 5,000 8 12.2 0.48 25.40 1.000 57.20 2.250 19.10 0.750 25.40 1.000 63.50 2.500 228.60 9.000 T-PV2.5 2,500 8 22.4 0.88 25.40 1.000 95.30 3.750 25.40 1.000 25.40 1.000 101.60 4.000 228.60 9.000 W1-PV1 1,000 8 35.6 1.40 25.40 1.000 150.90 5.940 38.10 1.500 25.40 1.000 152.40 6.000 228.60 9.000 D1-PV1 1,000 7 35.6 1.40 25.40 1.000 188.90 7.437 38.10 1.500 27.90 1.100 190.50 7.500 218.40 8.600 C1-PV2.5 2,500 3 12.2 0.48 48.30 1.900 81.00 3.190 19.10 0.750 50.80 2.000 88.90 3.500 175.30 6.900 P-PV5 5,000 4 7.6 0.30 50.80 2.000 36.50 1.437 12.70 0.500 50.80 2.000 38.10 1.500 228.60 9.000 S-PV2.5 2,500 4 12.2 0.48 50.80 2.000 57.20 2.250 19.10 0.750 50.80 2.000 63.50 2.500 228.60 9.000 U-PV2.5 2,500 4 22.4 0.88 50.80 2.000 95.30 3.750 25.40 1.000 50.80 2.000 101.60 4.000 228.60 9.000 W2-PV1 1,000 3 48.3 1.90 50.80 2.000 150.90 5.940 38.10 1.500 53.30 2.100 152.40 6.000 182.90 7.200 D3-PV1 1,000 3 48.3 1.90 50.80 2.000 188.90 7.437 38.10 1.500 55.90 2.200 190.50 7.500 188.00 7.400 Options Colors Standard White with clear tail |