| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A-MCSSP60100-R-R bảng dữ liệu(PDF) 1 Page - Assmann Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
A-MCSSP60100-R-R bảng dữ liệu(HTML) 1 Page - Assmann Electronics Inc. |
|
|
1 / 1 page ![]() ASSMANN Electronics, Inc. THIS DRAWING IS UNPUBLISHED ©Copyright 2010 by Assmann Electronic Components All International Rights Reserved 1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283 Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com RoHS Compliant ITEM NO. TITLE = Assmann logo A-MCSSP60100/R-R Cat.6 SFTP Patch Cable - 8P8C 50”, Red, 10 Meters Material: • Plug: YUS-06 8P8C 50” • Conductor: - Wire: Cat.6 PIMF STR 26AWG - Bare Copper 26AWG 7/0.16±0.015MM • Insulator: - Thickness Min. at any point: 0.2MM - Thickness Max. Avg.: 0.35MM - Diameter: 1.05±0.06MM • Jacket PVC: - Thickness Min. at any point: 0.50MM - Thickness Max. Avg.: 0.60MM - Diameter: 6.1±0.02MM Insulation (Foam-Skin) Braiding 4*Al-Mylar Type Conductor Jacketing 10,000MM±.02MM |
Số phần tương tự - A-MCSSP60100-R-R |
|
Mô tả tương tự - A-MCSSP60100-R-R |