| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD10CD050DO3F bảng dữ liệu(PDF) 2 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
CD10CD050DO3F bảng dữ liệu(HTML) 2 Page - Cornell Dubilier Electronics |
|
2 / 6 page ![]() CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 Ratings Mica Capacitors, Standard Dipped Types CD10, D10, CD15, CD19, CD30, CD42, CDV19, CDV30 Cap Volts Catalog L H T S d (pF) (Vdc) Part Number in (mm) in (mm) in (mm) in (mm) in (mm) 1 500 CD10CD010DO3F 0.36 ( 9.1) 0.33 ( 8.4) 0.19 (4.8) 0.141 (3.6) 0.016 (.4) 1 500 CD15CD010DO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 (5.9) 0.025 (.6) 2 500 CD10CD020DO3F 0.36 ( 9.1) 0.33 ( 8.4) 0.19 (4.8) 0.141 (3.6) 0.016 (.4) 2 500 CD15CD020DO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 (5.9) 0.025 (.6) 3 500 CD10CD03F0DO3F 0.36 ( 9.1) 0.33 ( 8.4) 0.19 (4.8) 0.141 (3.6) 0.016 (.4) 3 500 CD15CD03F0DO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 (5.9) 0.025 (.6) 5 500 CD10CD050DO3F 0.36 ( 9.1) 0.33 ( 8.4) 0.19 (4.8) 0.141 (3.6) 0.016 (.4) 5 500 CD15CD050DO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 (5.9) 0.025 (.6) 5 1000 CDV19CF050DO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 (8.7) 0.032 (.8) 7 500 CD10CD070DO3F 0.36 ( 9.1) 0.33 ( 8.4) 0.19 (4.8) 0.141 (3.6) 0.016 (.4) 7 500 CD15CD070DO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 (5.9) 0.025 (.6) 7 1000 CDV19CF070DO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 (8.7) 0.032 (.8) 10 500 CD10CD100JO3F 0.36 ( 9.1) 0.33 ( 8.4) 0.19 (4.8) 0.141 (3.6) 0.016 (.4) 10 500 CD15CD100JO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 (5.9) 0.025 (.6) 10 1000 CDV19CF100JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 (8.7) 0.032 (.8) 12 500 CD10CD120JO3F 0.36 ( 9.1) 0.33 ( 8.4) 0.19 (4.8) 0.141 (3.6) 0.016 (.4) 12 500 CD15CD120JO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 (5.9) 0.025 (.6) 12 1000 CDV19CF120JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 (8.7) 0.032 (.8) 15 500 CD10CD150JO3F 0.36 ( 9.1) 0.33 ( 8.4) 0.19 (4.8) 0.141 (3.6) 0.016 (.4) 15 500 CD15CD150JO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 (5.9) 0.025 (.6) 15 1000 CDV19CF150JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 (8.7) 0.032 (.8) 18 500 CD10CD180JO3F 0.36 ( 9.1) 0.33 ( 8.4) 0.19 (4.8) 0.141 (3.6) 0.016 (.4) 18 500 CD15CD180JO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 (5.9) 0.025 (.6) 18 1000 CDV19CF180JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 22 500 CD10ED220JO3F 0.36 ( 9.1) 0.33 ( 8.4) 0.19 (4.8) 0.141 ( 3.6) 0.016 ( .4) 22 500 CD15ED220JO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 ( 5.9) 0.025 ( .6) 22 1000 CDV19EF220JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 27 500 CD10ED270JO3F 0.37 ( 9.4) 0.33 ( 8.4) 0.19 (4.8) 0.141 ( 3.6) 0.016 ( .4) 27 500 CD15ED270JO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 ( 5.9) 0.025 ( .6) 27 1000 CDV19EF270JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 27 1500 CDV30EH270JO3F 0.77 (19.6) 0.85 (21.6) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 27 2000 CDV30EJ270JO3F 0.77 (19.6) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 27 2500 CDV30EK270JO3F 0.78 (19.8) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 33 500 CD10ED330JO3F 0.37 ( 9.4) 0.34 ( 8.6) 0.19 (4.8) 0.141 ( 3.6) 0.016 ( .4) 33 500 CD15ED330JO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 ( 5.9) 0.025 ( .6) 33 1000 CDV19EF330JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 33 1500 CDV30EH330JO3F 0.77 (19.6) 0.85 (21.6) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 33 2000 CDV30EJ330JO3F 0.77 (19.6) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 33 2500 CDV30EK330JO3F 0.78 (19.8) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 39 500 CD10ED390JO3F 0.37 ( 9.4) 0.34 ( 8.6) 0.19 (4.8) 0.141 ( 3.6) 0.016 ( .4) 39 500 CD15ED390JO3F 0.45 (11.4) 0.36 ( 9.1) 0.17 (4.3) 0.234 ( 5.9) 0.025 ( .6) 39 1000 CDV19EF390JO3F 0.64 (16.3) 0.50 (12.7) 0.19 (4.8) 0.344 ( 8.7) 0.032 ( .8) 39 1500 CDV30EH390JO3F 0.77 (19.6) 0.85 (21.6) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) 39 2000 CDV30EJ390JO3F 0.77 (19.6) 0.86 (21.8) 0.25 (6.4) 0.438 (11.1) 0.040 (1.0) |