công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4268 bảng dữ liệu(PDF) 4 Page - Siemens Semiconductor Group

tên linh kiện TLE4268
Giải thích chi tiết về linh kiện  5-V Low-Drop Fixed Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4268 bảng dữ liệu(HTML) 4 Page - Siemens Semiconductor Group

  TLE4268 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4268 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4268 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4268 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4268 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4268 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4268 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4268 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4268 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TLE 4268
Semiconductor Group
4
1998-11-01
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of the series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturation of the power element. If The externally scaled down
output voltage at the reset threshold input drops below 1.35 V, the external reset delay
capacitor is discharged by the reset generator. If the voltage on the capacitor reaches
the lower threshold
V
ST, a reset signal is generated on the reset output and not cancelled
again until the upper threshold voltage is exceeded. If the reset threshold input is
connected to GND, reset is triggered at an output voltage of 4.5 V. A connected
microcontroller is monitored by the watchdog logic. If pulses are missing, the rest output
is set to low. The pulse sequence time can be set within a wide range with the reset delay
capacitor. The IC also incorporates a member of internal circuits for protection against:
• Overload
• Overtemperature
• Reverse polarity
Figure 3
Block Diagram
AEB01539
Temperature
Sensor
Control
Amplifier
Protection
Circuit
Reference
Bandgap
Adjustment
Generator
Reset
Watchdog
Watchdog
Input
3
12
10
9
Output
Reset
Reset
Reset
Output
Switching
Delay
11
Threshold
18
Input
4-7, 14-17
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com